Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DM19FC151JO3-SA-R02

  • AI
    The **DM19FC151JO3-SA-R02** is a high-precision **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE). These capacitors are renowned for their stability, low loss, and high reliability in RF (Radio Frequency) and precision timing circuits. --- ## 1. Technical Specifications Below is a breakdown of the technical characteristics based on the part number nomenclature: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 150 pF (151 code) | | **Tolerance** | ±5% (J code) | | **Voltage Rating** | 300V - 500V (Typical for DM19 series) | | **Dielectric Material** | Silver Mica | | **Case Size** | DM19 (Standard Dipped Mica) | | **Operating Temp** | -55°C to +125°C | | **Termination** | Sn (Tin) or Ag (Silver) plated | --- ## 2. Key Characteristics ### A. Silver Mica Dielectric Unlike ceramic or electrolytic capacitors, silver mica capacitors use sheets of mica coated with silver electrodes. This construction provides: * **Extreme Stability:** Very little change in capacitance over time or voltage. * **Low Temperature Coefficient:** Minimal drift across the operating temperature range. * **High Q Factor:** Very low losses at high frequencies. ### B. High Voltage & Precision The "J" tolerance (±5%) makes it suitable for tuned circuits where precise resonance is required. Its voltage rating allows it to be used in power-sensitive RF stages. --- ## 3. Common Applications Due to its high performance at high frequencies, this part is typically found in: 1. **RF Oscillators:** Maintaining a steady frequency. 2. **Transmitters:** Used in coupling and decoupling stages. 3. **Filters:** High-order low-pass or band-pass filters where sharp cut-offs are necessary. 4. **Pulse Circuits:** Handling rapid voltage changes without degradation. --- ## 4. Part Number Decoding (DM19 Series) | Segment | Meaning | | :--- | :--- | | **DM19** | Physical size and style (Dipped Mica, Size 19) | | **FC** | Specific characteristic/temperature coefficient | | **151** | Capacitance in pF (15 + one zero = 150pF) | | **J** | Tolerance (±5%) | | **O3** | Voltage code (Usually 300V/500V depending on revision) | | **SA-R02** | Customer specific or RoHS compliant packaging/lead finish code |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the DM19 series?
    • ⤷ How does silver mica compare to C0G/NP0 ceramic capacitors?
    • ⤷ Are there surface mount (SMD) alternatives for this specific mica capacitor?