DM19FE102JO3-SA-R02
AI

### Technical Overview: DM19FE102JO3-SA-R02
The **DM19FE102JO3-SA-R02** is a high-precision, high-reliability **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE). Mica capacitors are renowned for their stability, low loss, and excellent performance at high frequencies.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1000 pF (1.0 nF) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC |
| **Operating Temperature** | -55°C to +150°C |
| **Case Size** | DM19 (standard large dipped mica body) |
| **Dielectric Material** | Silver Mica |
| **Termination** | SnAgCu (RoHS compliant lead finish) |
---
### 2. Key Features
* **High Stability:** Mica is a natural mineral that does not age significantly. The capacitance value remains extremely constant over time and temperature changes.
* **Low Dissipation Factor:** It exhibits very low losses, making it ideal for high-Q resonant circuits.
* **Voltage Withstanding:** Designed to handle high-voltage pulses without dielectric breakdown.
* **Tight Tolerance:** While this specific model is ±5%, the mica technology allows for very precise tuning in RF circuits.
---
### 3. Application Areas
Due to its construction, this capacitor is typically used in environments where ceramic or electrolytic capacitors would fail or cause signal drift:
1. **RF Oscillators:** Used to maintain a stable frequency in radio transmitters and receivers.
2. **Filter Networks:** Excellent for high-frequency low-pass, high-pass, or band-pass filters.
3. **Snubber Circuits:** Used in power electronics to dampen voltage spikes.
4. **Audio Equipment:** Sometimes found in high-end vacuum tube amplifiers due to its linear characteristics and high voltage rating.
5. **Calibration Standards:** Used in laboratory equipment where precision is paramount.
---
### 4. Part Number Breakdown
```text
DM 19 F E 102 J O3 -SA -R 02
| | | | | | | | | |
| | | | | | | | | Internal Code
| | | | | | | | RoHS Compliant
| | | | | | | Special Attributes (e.g., Lead style)
| | | | | | Voltage Rating (E = 500V)
| | | | | Tolerance (J = ±5%)
| | | | Capacitance (102 = 1000pF)
| | | Temperature Range (F = -55°C to +150°C)
| | Case Size (19)
| Series (Dipped Mica)
```
- ⤷
What are the main advantages of silver mica capacitors over ceramic NPO/C0G capacitors?
- ⤷ Can this capacitor be used in AC power line applications?
- ⤷ What is the physical lead spacing for the DM19 case size?