Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • DM19FE151DO3-SA-R02

  • AI
    The part number **DM19FE151DO3-SA-R02** refers to a high-precision, high-reliability **Silver Mica Capacitor** manufactured by Cornell Dubilier (CDE). These capacitors are renowned for their stability and low loss in RF applications. --- ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 150 pF | 151 code (15 followed by 1 zero) | | **Tolerance** | ±0.5% | Very high precision (indicated by 'D') | | **Voltage Rating** | 500V DC | High voltage tolerance for signal circuits | | **Dielectric** | Silver Mica | Excellent stability and high Q factor | | **Temperature Range** | -55°C to +125°C | Military/Industrial grade performance | | **Case Style** | DM19 | Standard dipped mica body size | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **DM19**: Refers to the physical case size and standard dimensions. * **F**: Temperature coefficient/characteristic (Standard mica performance). * **E**: Operating voltage (500V). * **151**: Capacitance value (150 picofarads). * **D**: Tolerance code (±0.5pF or ±0.5% depending on specific range; here it signifies ultra-tight tolerance). * **O3**: Internal manufacturing or lead style code. * **SA-R02**: Specific packaging or lead finish (likely RoHS compliant/Radial leads). --- ### 3. Key Features & Applications #### Features * **High Stability:** Extremely low drift over time and temperature. * **High Q Factor:** Low dissipation factor, making them ideal for high-frequency filtering. * **Reliability:** Mica is a natural mineral that does not degrade like ceramic or electrolytic dielectrics. #### Typical Applications 1. **RF Oscillators:** Used to maintain stable frequencies in radio transmitters. 2. **Tuned Circuits:** Ideal for LC (Inductor-Capacitor) resonance circuits. 3. **High-Voltage Couplings:** Used in power supplies and audio amplifiers where precision is required. 4. **Calibration Equipment:** Employed in test instruments due to the 0.5% tolerance. --- ### 4. Comparison: Mica vs. Ceramic | Feature | Silver Mica (DM19) | Ceramic (MLCC) | | :--- | :--- | :--- | | **Stability** | Excellent | Varies (NPO is good, X7R is poor) | | **Voltage** | High (Up to 500V+) | Varies (Low to High) | | **Size** | Larger (Leaded) | Small (Surface Mount) | | **Cost** | Expensive | Low | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the DM19 case style?
    • ⤷ Can this capacitor be used in high-power RF transmission?
    • ⤷ Are there surface-mount (SMD) alternatives to the DM19 series?