DR10D24
AI

## DR10D24: Electronic Specifications and Overview
The **DR10D24** typically refers to a **DIN-Rail mounted Solid State Relay (SSR)**. These components are used in industrial automation to switch electrical loads (AC or DC) without moving parts, offering high reliability and fast response times.
### 1. Component Overview
The DR10D24 is designed to be mounted on standard 35mm DIN rails. Its nomenclature usually indicates its key specifications: **10 Amps** of current and **24 Volts** (either control or load, depending on the manufacturer).
---
### 2. Technical Specifications
The following table outlines the typical electrical characteristics for a standard DR10D24 SSR:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Control Voltage (Input)** | 3.5 – 32 VDC |
| **Load Voltage (Output)** | 24 VDC (Max range 1-60 VDC) |
| **Maximum Load Current** | 10 Amps |
| **Switching Type** | MOSFET Output (DC switching) |
| **Isolation** | Opto-isolated (usually 2500V or higher) |
| **Mounting** | 35mm DIN Rail |
| **Status Indicator** | LED (usually Green or Red) |
---
### 3. Key Electronic Sub-assemblies
Inside a DR10D24, several electronic parts work together:
1. **Input Circuitry:**
* Consists of a current-limiting resistor and a protection diode.
* It ensures the internal LED of the optocoupler is not damaged by voltage fluctuations.
2. **Optical Isolation:**
* An internal **Optocoupler** separates the control side (low power) from the load side (high power).
* This prevents electrical noise or surges from returning to the PLC or controller.
3. **Switching Element (MOSFET/IGBT):**
* Unlike traditional relays with copper contacts, this uses a **Power MOSFET**.
* When the control signal is high, the MOSFET becomes conductive, allowing current to flow to the load.
4. **Protection Circuits:**
* **Snubber Circuit/Flyback Diode:** Protects the device from Back EMF (electromotive force) when switching inductive loads like motors or solenoids.
---
### 4. Wiring Diagram (Conceptual)
```text
[Control Side] [Load Side]
(+) 3-32VDC ----[ IN ] [ LOAD + ]---- (+) 24V Power Supply
(-) Ground ----[ GND ] [ LOAD - ]---- (Load Device) ---- (-)
```
---
### 5. Advantages of the DR10D24
* **Silent Operation:** No mechanical clicking sound.
* **Long Life:** No physical contacts to arc, pit, or wear out.
* **Speed:** Microsecond switching times compared to milliseconds for mechanical relays.
* **Compact:** High current density in a slim DIN-rail package.
- ⤷
What is the difference between a zero-crossing and random-fire SSR in this context?
- ⤷ Does the DR10D24 require an external heat sink for 10A loads?
- ⤷ How do I wire a protection diode for inductive loads with this relay?