Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E3JK-R2M12M

  • AI
    ### Overview of E3JK-R2M12M The **E3JK-R2M12M** is a high-performance, long-distance retro-reflective photoelectric sensor produced by Omron. It is widely used in industrial automation due to its built-in power supply and versatile output relay. --- ### Technical Specifications The following table summarizes the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | 2.5 meters (when using E39-R1 reflector) | | **Supply Voltage** | 24 to 240 VAC / 24 to 240 VDC | | **Output Type** | Relay Output (SPDT - Single Pole Double Throw) | | **Contact Capacity** | 3A at 250 VAC (Resistive Load) | | **Response Time** | 20 ms maximum | | **Light Source** | Red LED (Visible) | | **Indicator** | Light indicator (Red) and Stability indicator (Green) | | **Connection** | Pre-wired cable (2 meters) | --- ### Core Electronic Components #### 1. Multi-Voltage Power Supply One of the standout electronic features of the E3JK series is the **Multi-voltage circuit**. Unlike standard sensors that require a specific 12V or 24V DC input, the R2M12M can handle a wide range of AC and DC inputs (24-240V). This is achieved through an internal switching regulator that stabilizes the voltage for the internal sensing logic. #### 2. Retro-reflective Logic The sensor contains both an **Emitter** and a **Receiver** in the same housing: * **Emitter:** Sends a pulse of red light towards a reflector. * **Receiver:** Monitors the returning light. If an object breaks the beam, the receiver circuit triggers the internal relay. #### 3. SPDT Relay Output Instead of a transistor output (NPN/PNP), this model uses a **mechanical relay**. * **Terminals:** It provides Common (COM), Normally Open (NO), and Normally Closed (NC) contacts. * **Advantage:** This allows the sensor to switch high-power AC loads directly without needing an external interface relay. #### 4. Sensitivity Adjustment The unit typically features a **Potentiometer** located on the back or top. This allows the user to fine-tune the detection threshold to account for dusty environments or semi-transparent objects. --- ### Wiring Configuration The cable usually follows standard color coding for Omron relay sensors: * **Brown / Blue:** Power Supply (Non-polar, 24-240V AC/DC). * **White:** Relay Common (COM). * **Black:** Relay Normally Open (NO). * **Gray:** Relay Normally Closed (NC). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E3JK-R2M1 and the E3JK-R2M2 versions?
    • ⤷ Can this sensor be used to detect transparent glass or plastic?
    • ⤷ What are the mounting precautions to avoid interference from ambient light?