AI

The **E5C2-R20P** is a popular analog temperature controller manufactured by Omron. It is known for its simplicity, reliability, and DIN-sized compact design. Below is a detailed breakdown of its electronic parts, specifications, and functions.
---
## 1. Core Electronic Specifications
The E5C2-R20P is an ON/OFF or PD (Proportional-Derivative) control-type device.
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Platinum Resistance Thermometer (Pt100) |
| **Control Output** | Relay Output (SPDT) |
| **Supply Voltage** | 100 to 240 VAC (50/60 Hz) |
| **Switching Capacity** | 3A at 250 VAC (Resistive load) |
| **Setting Method** | Analog Dial (Potentiometer) |
| **Mounting Type** | 8-pin Plug-in (Socket mount) |
---
## 2. Key Electronic Components & Functions
### A. The Input Section (Sensor Interface)
The "P" in the model name signifies that this unit is designed for **Pt100 RTD (Resistance Temperature Detector)** sensors.
* **Bridge Circuit:** Internally, it uses a Wheatstone bridge to detect small changes in resistance from the Pt100 sensor as temperature fluctuates.
* **Compensation:** It includes circuitry to compensate for lead-wire resistance to ensure accuracy over longer distances.
### B. Control Logic (Analog Processing)
Unlike modern digital controllers that use microprocessors, the E5C2 often utilizes:
* **Operational Amplifiers (Op-Amps):** These compare the voltage from the setting dial (the setpoint) against the voltage from the sensor input.
* **Potentiometer:** The front dial is a high-precision variable resistor used to set the desired temperature.
### C. Output Component (The Relay)
The "R" in the model name stands for **Relay Output**.
* **Electromagnetic Relay:** This is the mechanical switch inside the unit. When the measured temperature is below the setpoint, the relay energizes to turn on the heater.
* **Contact Life:** Typically rated for 100,000 operations at full load.
### D. Indicator LEDs
The front panel contains simple electronic visual indicators:
* **Power LED (Green):** Indicates the unit is receiving VAC power.
* **Output LED (Red):** Indicates when the relay is energized (heating is active).
---
## 3. Terminal Configuration (8-Pin Plug)
The electronic interface to the outside world is handled via an 8-pin circular base:
| Pin Number | Function |
| :--- | :--- |
| **1 & 2** | Source Power (100-240 VAC) |
| **3, 4, & 5** | Relay Output (Common, NC, NO) |
| **6, 7, & 8** | Pt100 Sensor Inputs |
---
## 4. Operational Circuit Summary
```mermaid
graph LR
A[Pt100 Sensor] --> B[Bridge/Amp Circuit]
C[Dial Potentiometer] --> B
B --> D[Comparator]
D --> E[Relay Drive Circuit]
E --> F[Heater/Load]
```
---
- ⤷What is the difference between the E5C2-R20P and the E5C2-R20K?
- ⤷ How do I wire a 3-wire Pt100 sensor to this controller?
- ⤷ Can I use a Solid State Relay (SSR) with the E5C2-R20P?