E5C2-R40GD
AI

The **E5C2-R40GD** is a basic, analog-set temperature controller manufactured by Omron. It is widely used in industrial applications for simple ON/OFF control tasks where a digital interface is not required.
---
### 1. Technical Specifications
The E5C2 series is known for its DIN 48 x 48 mm compact size and plug-in mounting system.
| Feature | Specification |
| :--- | :--- |
| **Control Type** | ON/OFF Control |
| **Input Type** | Thermocouple (usually Type K or J, check specific suffix) |
| **Output Type** | Relay Output (SPDT) |
| **Supply Voltage** | 100 to 240 VAC (50/60 Hz) |
| **Setting Method** | Analog Dial (Potentiometer) |
| **Mounting** | 8-pin Round Socket (Surface or Flush mounting) |
| **Power Consumption** | Approx. 2 VA |
---
### 2. Key Electronic Components & Terminals
The device operates using a set of internal electronic circuits that compare the sensor voltage to a reference voltage set by the dial.
#### A. Internal Operation
* **Comparator Circuit:** The core electronic part that compares the millivolt signal from the thermocouple against the internal reference voltage determined by the front dial position.
* **Relay Mechanism:** An electromagnetic switch that activates when the measured temperature is below the set point and deactivates when it exceeds it (for heating control).
#### B. Terminal Configuration (8-Pin)
The E5C2 uses a standard circular 8-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1 & 8** | Power Supply | 100-240 VAC Input |
| **4, 5, 6** | Relay Output | 4 (Common), 5 (NC), 6 (NO) |
| **7 (+), 8 (-)** | Sensor Input | Connection for the Thermocouple |
---
### 3. Electronic Characteristics
* **Hysteresis:** The unit has a fixed "differential" or hysteresis (usually around 0.5% of the full scale). This prevents the relay from "chattering" or rapidly switching on and off when the temperature is exactly at the set point.
* **Cold Junction Compensation:** Even as an analog device, it includes internal circuitry to compensate for the ambient temperature at the controller terminals, ensuring accurate thermocouple readings.
* **Indication LEDs:**
* **PW (Green):** Indicates power is supplied to the unit.
* **OUT (Red):** Indicates the control output (relay) is energized.
---
### 4. Application Considerations
* **Analog Precision:** Unlike digital controllers (PID), the E5C2 is prone to "overshoot" because it uses simple ON/OFF logic.
* **Calibration:** The accuracy is dependent on the dial alignment. It is best suited for processes that can tolerate a few degrees of variance.
* **Socket Requirement:** It requires an **P2CF-08** (front-connecting) or **P3G-08** (back-connecting) socket for installation.
- ⤷
What is the difference between the E5C2-R and the E5CC digital series?
- ⤷ How do I wire a K-type thermocouple to this specific model?
- ⤷ Can this controller be used for cooling applications instead of heating?