Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5C4-R40K

  • AI
    ## Overview of the OMRON E5C4-R40K The **E5C4-R40K** is a compact, analog-set temperature controller manufactured by Omron. It is widely used in industrial applications for basic temperature regulation where a digital interface is not required. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | K-type Thermocouple | | **Control Mode** | ON/OFF or PD (Proportional-Derivative) | | **Output Type** | Relay Output (SPDT) | | **Setting Method** | Analog Dial (Potentiometer) | | **Mounting Type** | 8-pin Plug-in / DIN Rail | | **Operating Voltage** | Typically 100-240 VAC | --- ### Key Electronic Components & Internal Functions The E5C4-R40K consists of several critical electronic sub-systems that allow it to process thermal data and switch loads: #### 1. Signal Conditioning Circuit Since K-type thermocouples produce very low voltages (millivolts), the internal circuit uses **operational amplifiers (Op-Amps)** to boost the signal. It also includes **cold-junction compensation** to ensure accuracy despite ambient temperature changes at the controller terminals. #### 2. Analog Comparator Unlike digital controllers that use a microprocessor, the E5C4-R40K uses an analog comparator. It compares the voltage from the **Setting Potentiometer** (the dial on the front) against the amplified voltage from the thermocouple. #### 3. Control Output (Relay) The "R" in the model name stands for **Relay**. * **Component:** Internal electromagnetic relay. * **Capacity:** Usually rated for 3A at 250 VAC. * **Function:** When the measured temperature is below the set point, the relay energizes to turn on a heater. #### 4. Power Supply Section This internal module converts the AC mains voltage (100-240V) down to low-voltage DC (usually 12V or 24V) to power the internal logic and the relay coil. It typically uses a transformer-based or simple capacitive dropper circuit. --- ### Terminal Configuration (8-Pin Socket) The device follows a standard 8-pin circular configuration: | Pin Numbers | Description | | :--- | :--- | | **1 & 2** | Power Supply (AC Input) | | **3, 4, 5** | Relay Output (Common, NO, NC) | | **6 (+) & 7 (-)** | Thermocouple Input (K-type) | | **8** | Internal Ground / Shield | --- ### Comparison: Analog vs. Digital The E5C4-R40K is valued for its **simplicity** and **reliability**. * **Pro:** No complex menus; easy to set by turning a knob. * **Con:** Less precise than digital PID controllers; no digital readout of the current temperature. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the E5C4-R40K for different temperature ranges?
    • ⤷ What are the common failure modes of the internal relay in this controller?
    • ⤷ Can a PT100 sensor be used with the E5C4-R40K model?