Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5C4-R40P

  • AI
    The **E5C4-R40P** is an analog temperature controller, typically manufactured by Omron (or as a compatible DIN-rail clone). It is used for basic industrial heating and cooling control applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | Platinum Resistance Thermometer (Pt100) | | **Output Type** | Relay Output (SPDT) | | **Control Mode** | ON/OFF or Proportional (P) Control | | **Power Supply** | Usually 100–240 VAC or 24 VAC/VDC (check label) | | **Temperature Range** | Typically 0°C to 400°C (Model dependent) | | **Mounting** | DIN Rail or Socket Mount (8-pin) | --- ### 2. Internal Electronic Components & Operation The E5C4-R40P operates using a combination of analog and discrete electronic components: * **Signal Conditioning Circuit:** Since it uses a **Pt100** sensor, it includes a bridge circuit to convert the resistance changes of the platinum wire into a voltage signal. * **Potentiometer (Front Dial):** A high-precision variable resistor used to set the desired temperature point. * **Comparator / Operational Amplifier:** An internal Op-Amp compares the voltage from the Pt100 sensor against the voltage set by the dial. * **Relay Mechanism:** The output is a mechanical relay. When the process temperature is below the set point, the relay energizes to turn on the heater. * **Deadband/Hysteresis Circuit:** Internal circuitry prevents "chattering" (rapid switching) by providing a small buffer zone around the setpoint. --- ### 3. Pin Configuration (Typical 8-Pin Base) To integrate this part, the following pinout is standard for the E5C4 series: | Pin Number | Function | | :--- | :--- | | **1 & 2** | Power Supply (L / N) | | **3, 4, 5** | Relay Output (Common, NO, NC) | | **6, 7, 8** | Pt100 Sensor Inputs (A, B, B') | --- ### 4. Wiring Diagram Example ```text [ E5C4-R40P Base ] (Top View) 8 1 2 7 3 6 5 4 1-2: AC Power Input 3-4-5: Relay Contacts (Connect to Magnetic Contactor) 6-7-8: Pt100 Sensor (Resistance Probe) ``` --- ### 5. Common Use Cases * **Plastic Extruders:** Maintaining barrel temperature. * **Packaging Machines:** Controlling heat-seal bars. * **Incubators:** Stable environmental temperature control. * **Drying Ovens:** Basic thermal regulation where digital precision is not required.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the E5C4-R and the E5CC digital series?
    • ⤷ How do I calibrate the offset on an analog E5C4 controller?
    • ⤷ Can I use a Thermocouple (Type K) with the R40P model?