Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5CS-R1PU-W

  • AI
    ## Overview of the E5CS-R1PU-W The **E5CS-R1PU-W** is a compact, digital temperature controller manufactured by Omron. It belongs to the E5CS series, known for being easy to set up and highly reliable for basic industrial heating or cooling applications. --- ### Key Technical Specifications The part number itself defines the electronic capabilities of the device: | Feature | Specification | | :--- | :--- | | **Control Type** | ON/OFF or P (Proportional) control | | **Input Type** | Universal (Thermocouple or Platinum Resistance Thermometer) | | **Control Output** | **Relay Output** (SPDT, 250 VAC, 3A) | | **Power Supply** | 100 to 240 VAC, 50/60 Hz | | **Size** | 48 x 48 mm (1/16 DIN) | | **Display** | 3.5-digit LED (7-segment) | | **Mounting** | Plug-in type (requires an 8-pin socket) | --- ### Electronic Components & Interface #### 1. Input Section (Sensor Interface) The device is "Universal," meaning the internal circuitry can be toggled via DIP switches to accept different sensors: * **Thermocouples:** K, J, L. * **Resistance Thermometers (RTD):** Pt100, JPt100. #### 2. Control Output (The "R" in the model name) The **R** designates a **Relay Output**. * Internally, it uses a mechanical relay to open or close the circuit. * It is best suited for driving a contactor or a small heater directly (up to 3A). * *Note:* If high-speed switching is required, a Voltage Output (for SSRs) would be used instead, but this specific model uses a physical relay. #### 3. Power Supply & Internal Processing * **Switching Power Supply:** Designed to handle a wide range of AC voltages (100–240V), making it globally compatible. * **Microprocessor:** Manages the PID/Self-tuning logic and converts the analog sensor signal into a digital value for the display. #### 4. Terminals (8-Pin Plug-in) Unlike screw-terminal models, the "P" in the name indicates a **Plug-in** style. It requires a P2CF-08 or P3G-08 socket. * **Pins 1 & 2:** Control Output (Relay). * **Pins 4, 5, & 6:** Sensor Input. * **Pins 7 & 8:** Power Supply Input. --- ### Configuration Elements On the side or rear of the unit, you will find: * **DIP Switches:** Used to set the temperature range, sensor type, and control mode (Heating vs. Cooling). * **Potentiometers/Keys:** Front-panel buttons allow the user to set the target temperature (Set Point). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R1PU and the Q1PU models in this series?
    • ⤷ Which Omron socket is recommended for mounting the E5CS-R1PU-W?
    • ⤷ How do I switch the input type from Thermocouple to Pt100 on this device?