Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5CS-RKJDU-W

  • AI
    ## Overview of Omron E5CS-RKJDU-W The **E5CS-RKJDU-W** is a compact, digital temperature controller manufactured by Omron. It belongs to the E5CS series, known for its simple operation using rotary switches and DIP switches rather than complex digital menus. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple (K, J, L) | | **Control Output** | Relay Output (SPST-NO, 250 VAC, 3A) | | **Power Supply** | 24 VAC / VDC | | **Size** | 1/16 DIN (48 x 48 mm) | | **Control Mode** | ON/OFF or PID (with auto-tuning) | | **Display** | 3.5-digit LED display | --- ### Internal Electronic Components & Architecture The E5CS-RKJDU-W consists of several key electronic subsystems that allow it to process thermal signals and manage high-power loads. #### 1. Input Processing Circuit * **A/D Converter:** Converts the analog millivolt signal from the Thermocouple (K, J, or L type) into a digital value. * **Cold Junction Compensation (CJC):** An internal thermistor that measures the terminal temperature to compensate for the ambient temperature at the connection point, ensuring accurate thermocouple readings. #### 2. Main Processing Unit (MCU) * The microprocessor executes the **PID (Proportional-Integral-Derivative)** control algorithm. * It handles the **Auto-tuning** feature, which calculates the thermal constants of the system to prevent temperature overshooting. #### 3. Output Stage * **Electromechanical Relay:** The "R" in the model name signifies a relay output. This is a physical switch capable of handling up to 3 Amps. * **Protection Circuits:** Includes varistors or snubbers to reduce electrical noise and protect the internal contacts during switching. #### 4. Interface & Configuration * **Rotary Switches:** Used to set the Set Point (SV) manually without navigating digital menus. * **DIP Switches:** Located on the side/bottom of the unit to configure: * Control mode (ON/OFF vs. PID). * Input type selection (K, J, or L). * Direct/Reverse action (Heating vs. Cooling). #### 5. Power Supply Section * **Step-down Transformer/Regulator:** Converts the 24V AC/DC input into stable low-voltage DC (typically 5V or 3.3V) to power the logic chips and the LED display. --- ### Terminal Configuration The back of the device features screw terminals for physical wiring: ```text [1] [2] -> Control Output (Relay) [3] [4] -> Power Supply (24V AC/DC) [5] [6] -> Thermocouple Input (+ / -) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature ranges for the K and J type inputs on this model?
    • ⤷ How do I switch between ON/OFF and PID control using the DIP switches?
    • ⤷ What is the difference between the RKJDU-W and the QKJDU-W models?