Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5CZ-R2MT

  • AI
    ## Omron E5CZ-R2MT Temperature Controller Overview The **E5CZ-R2MT** is a 1/16 DIN (48x48 mm) digital temperature controller manufactured by Omron. It is part of the E5CZ series, designed for basic heating/cooling control with high visibility and reliability. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Multi-input (Thermocouple, PT100, Infrared sensor, Analog voltage/current) | | **Control Output** | Relay output (SPST-NO, 250 VAC, 3 A) | | **Auxiliary Outputs** | 2 Alarm outputs (Relay) | | **Supply Voltage** | 100 to 240 VAC, 50/60 Hz | | **Sampling Period** | 250 ms | | **Display Type** | 11-segment digital display (3-color change functionality) | | **Size** | 1/16 DIN (48 x 48 x 78 mm) | --- ### 2. Electronic Component Breakdown The device consists of several internal electronic subsystems that work together to manage thermal processes: #### A. Input Section (Sensor Interface) This section uses high-precision Analog-to-Digital Converters (ADC). It is "multi-input," meaning it can be programmed to read: * **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W, or PL II. * **RTDs:** Pt100 or JPt100. * **Analog:** 4 to 20 mA, 0 to 20 mA, 1 to 5 V, 0 to 5 V, or 0 to 10 V. #### B. Control Logic (The CPU) The internal microcontroller executes the control algorithm. The E5CZ supports: * **ON/OFF Control:** Simple switching based on setpoint. * **PID Control:** Uses Proportional, Integral, and Derivative math to prevent overshoot and maintain stability. It features **2-PID control**, which optimizes response for both setpoint changes and external disturbances. #### C. Output Section (The "R" in R2MT) The **"R"** designation indicates a **Relay Output**. * **Function:** This is a mechanical switch (Relay) used to drive a contactor or a small heater directly. * **Life Expectancy:** Mechanical relay outputs have a finite life (typically 100,000 operations at rated load), making them better suited for slow-cycle processes compared to SSR (Solid State Relay) outputs. #### D. Alarm Outputs (The "2" in R2MT) The **"2"** signifies two auxiliary relay outputs. These can be configured for: * High/Low temperature deviations. * Sensor error alerts. * Loop break alarms. --- ### 3. Wiring Configuration To interface with the electronics, the back of the unit uses screw terminals. Below is a simplified representation of the wiring logic: ```text Terminals 1-2: Power Supply (100-240 VAC) Terminals 3-5: Control Output (Relay: COM, NO) Terminals 7-10: Auxiliary Outputs (Alarms 1 and 2) Terminals 11-14: Input Sensor (Thermocouple or RTD) ``` --- ### 4. Special Features * **3-Color Display:** The PV (Process Value) can change color (Red, Green, Orange) based on status, allowing operators to see if a system is "in range" from a distance. * **Protection:** The front panel is IP66 rated, meaning it is protected against dust and water jets.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2MT and the Q2MT models?
    • ⤷ How do I perform auto-tuning on the E5CZ?
    • ⤷ Can I use this controller with a 24V DC power supply?