Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • E5CZ-R2MTD

  • AI
    The **E5CZ-R2MTD** is a high-performance digital temperature controller manufactured by Omron. It is part of the E5CZ series, designed for industrial automation applications requiring precise PID control. --- ## 1. Core Technical Specifications The model name "E5CZ-R2MTD" defines its internal electronic configuration: | Component | Specification | Description | | :--- | :--- | :--- | | **Power Supply** | 24 VAC/VDC | Low voltage DC/AC operation. | | **Control Output** | Relay Output | SPST-NO, 250 VAC, 3 A (resistive load). | | **Auxiliary Outputs** | 2 Alarm Outputs | Independent relay outputs for safety or signaling. | | **Input Type** | Multi-input | Thermocouple, RTD (Pt100), or Analog (V/mA). | | **Size** | 1/16 DIN | 48 x 48 mm front panel mount. | --- ## 2. Key Electronic Components & Features ### A. Control Engine (The "Brain") The device utilizes a **Microprocessor-based PID controller**. It features: * **2-PID Control:** Unlike standard PID, this uses a dual-algorithm approach to minimize overshoot while maintaining fast response to disturbances. * **Auto-tuning:** The electronics can calculate the optimal Proportional (P), Integral (I), and Derivative (D) constants by analyzing the system's thermal lag. ### B. Input Signal Conditioning The input stage is highly versatile. It uses high-precision A/D (Analog-to-Digital) converters to handle: * **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W. * **RTDs:** Pt100 or JPt100. * **Analog signals:** 4–20mA or 0–10V (using an external shunt resistor if necessary). ### C. Output Mechanisms * **Main Relay (R):** An electromechanical relay that physically opens and closes the circuit to the heater or cooler. * **Sampling Period:** The internal electronics sample the input every **250 ms**, allowing for rapid adjustments to the power output. --- ## 3. Wiring Terminal Layout The back of the unit features a screw-terminal block. A typical electronic hookup follows this logic: ```text Terminals 1-2: Power Supply (24V AC/DC) Terminals 3-5: Control Output (Relay) Terminals 6-8: Auxiliary Outputs (Alarms 1 & 2) Terminals 10-12: Sensor Inputs (RTD/Thermocouple) ``` --- ## 4. Operational Protection The electronic design includes several safety features: 1. **Non-volatile Memory (EEPROM):** Retains settings and parameters even during power loss (up to 1,000,000 rewrites). 2. **Sensor Break Detection:** Automatically triggers an error if the thermocouple or RTD circuit is opened. 3. **Hysteresis Control:** Prevents "chattering" of the mechanical relay by setting a buffer zone around the set point. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2MTD and the Q2MTD models?
    • ⤷ How do I wire a 3-wire Pt100 RTD to this controller?
    • ⤷ Can this controller be used for cooling applications instead of heating?