Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • EC1008A-R33

  • AI
    The **EC1008A-R33** is a specific surface-mount electronic component, primarily categorized as a **Wire-Wound Chip Inductor**. It is widely used in high-frequency circuits, RF modules, and telecommunications equipment. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like Eon-C or similar suppliers). Here are the typical specifications for this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Wire-Wound Fixed Inductor | | **Inductance** | 0.33 µH (330 nH) | | **Case Size** | 1008 (2.5 mm x 2.0 mm) | | **Tolerance** | ±5% or ±10% (Commonly J or K) | | **Core Material** | Ceramic or Ferrite | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Characteristics * **Package Size (1008):** The numbers "1008" represent the physical dimensions in inches (0.10" x 0.08"), which translates to approximately **2.5mm x 2.0mm**. * **Construction:** It consists of a copper wire wound around a ceramic or ferrite core. The ends of the wire are bonded to metallic pads for soldering. * **Encapsulation:** Often coated with epoxy or a clear resin to protect the windings from environmental factors and physical damage. --- ### 3. Electrical Functions The EC1008A-R33 performs several critical roles in an electronic assembly: * **RF Tuning:** Used in LC (Inductor-Capacitor) circuits to select specific frequencies in wireless devices. * **Impedance Matching:** Ensures maximum power transfer between different stages of an RF circuit (e.g., between an antenna and an amplifier). * **Signal Filtering:** Blocks high-frequency noise while allowing DC or lower-frequency signals to pass through. --- ### 4. Typical Applications The "R33" (330nH) value is particularly common in the following industries: 1. **Mobile Communications:** Smartphones, GPS modules, and Bluetooth transceivers. 2. **Computing:** High-speed data buses and WLAN cards. 3. **Automotive:** Infotainment systems and keyless entry modules. --- ### 5. Part Number Decoding Understanding the suffix and prefix: * **EC:** Manufacturer series code. * **1008:** Physical footprint (2.5mm x 2.0mm). * **A:** Internal design or material revision code. * **R33:** The inductance value. "R" acts as a decimal point ($0.33$ µH).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the EC1008A-R33?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the recommended soldering profiles for 1008 size SMD inductors?