Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • EC36-R47M

  • AI
    ### Technical Overview of EC36-R47M The **EC36-R47M** is a specific type of passive electronic component, primarily categorized as a **fixed inductor**. It belongs to the "Color Ring" or "Axial Leaded" inductor family, which are designed to resemble resistors in appearance but function as energy storage devices for magnetic fields. --- ### 1. Part Number Breakdown Understanding the alphanumeric code is essential for identifying its specifications: | Code Segment | Meaning | Value | | :--- | :--- | :--- | | **EC36** | Series/Body Size | Typically refers to a 3mm x 6mm body size. | | **R47** | Inductance Value | R represents a decimal point. 0.47 µH. | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact parameters can vary slightly by manufacturer (such as TDK, Taiyo Yuden, or generic brands), these are the standard ratings for a 0.47µH axial inductor: * **Inductance:** 0.47 Microhenries (µH). * **Tolerance:** ±20% (Standard for "M" suffix). * **DC Resistance (DCR):** Usually very low (approx. 0.15 - 0.40 Ohms). * **Rated Current (Idc):** Typically handles between 400mA to 800mA depending on heat dissipation. * **Self-Resonant Frequency (SRF):** Generally high, often exceeding 100-200 MHz. * **Package Type:** Axial Leaded (Through-hole). --- ### 3. Construction and Appearance * **Core Material:** Usually a Ferrite core which provides high permeability. * **Coating:** Epoxy resin or phenolic coating for environmental protection and insulation. * **Color Coding:** It follows the standard EIA color code. For **0.47µH**, the bands would typically be: 1. **Yellow** (4) 2. **Violet** (7) 3. **Silver** (Multiplier 0.01) 4. **Black/Silver** (Tolerance) --- ### 4. Common Applications The EC36-R47M is used in circuits where small inductance values are needed to manage high-frequency signals: 1. **RF Coupling/Decoupling:** Filtering high-frequency noise out of power lines. 2. **EMI Suppression:** Reducing electromagnetic interference in consumer electronics. 3. **Signal Processing:** Used in filters (High-pass/Low-pass) for telecommunication devices. 4. **DC/DC Converters:** Acts as a small energy storage element in low-power voltage regulation. --- ### 5. Equivalent/Substitution Considerations If you are looking for a replacement, ensure the following match: * **Footprint:** The physical length (approx 6mm) must fit the PCB holes. * **Current Rating:** Ensure the replacement can handle the same or higher amperage (mA). * **Q-Factor:** If used in a resonant circuit, the quality factor must be similar.
    ✨ Follow-up Questions
    • ⤷ What is the standard color code sequence for a 0.47uH inductor?
    • ⤷ Can I replace an EC36-R47M with a surface mount (SMD) equivalent?
    • ⤷ How does the DCR affect the performance of this inductor in a power circuit?