EM341-RTR
AI

The **EM341-RTR** is a specialized Zigbee router module typically used in industrial and smart building automation. It is based on the Silicon Labs Ember platform, designed to extend the range of a Zigbee network and provide robust connectivity for end devices.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Architecture
The heart of the EM341-RTR is the **Ember EM341 System-on-Chip (SoC)**.
| Component | Description |
| :--- | :--- |
| **Microcontroller** | 32-bit ARM® Cortex®-M3 processor. |
| **Flash Memory** | 128 KB (Stores the Zigbee stack and application code). |
| **RAM** | 12-bit Integrated RAM for data buffering. |
| **Clock Speed** | Up to 24 MHz. |
---
## 2. Radio Frequency (RF) Characteristics
As a **Router (RTR)** device, its primary function is to maintain network mesh stability and forward packets.
* **Frequency Band:** 2.4 GHz ISM Band.
* **Protocol:** IEEE 802.15.4 compliant (Zigbee Pro).
* **Receiver Sensitivity:** Approximately -100 dBm (allows for long-range reception).
* **Transmit Power:** Integrated power amplifier, typically adjustable up to +8 dBm (boost mode).
* **Antenna Interface:** Usually features an integrated PCB trace antenna or a U.FL connector for external antennas.
---
## 3. Peripheral Interfaces
The EM341-RTR provides several I/O options for interfacing with sensors or external controllers:
### Communication Ports
* **UART:** For serial communication with a host processor.
* **SPI/I2C:** Used for connecting to external sensors or EEPROM.
* **Debug Interface:** Serial Wire (SW) or JTAG for programming and real-time debugging.
### Analog & Digital I/O
* **GPIOs:** Multiple General Purpose Input/Output pins.
* **ADC:** 12-bit Analog-to-Digital Converter for reading voltage levels from analog sensors.
* **Timers:** Integrated hardware timers for PWM or pulse counting.
---
## 4. Power Management
The module is designed for efficiency, although as a router, it is intended to be **always-on** (mains powered) rather than sleep-mode dependent like an end-device.
* **Operating Voltage:** Typically **2.1V to 3.6V DC**.
* **Active Current (RX):** ~25 mA.
* **Active Current (TX):** ~30-45 mA (depending on output power).
* **Deep Sleep Current:** < 2 µA (used if the device is reconfigured as a non-routing end device).
---
## 5. Typical Application Circuit
When integrating the EM341-RTR, the following external electronic components are usually required:
```mermaid
graph LR
A[Power Supply 3.3V] --> B[EM341-RTR Module]
C[Reset Circuit] --> B
B --> D[External Antenna/Matching Network]
B <-> E[Host MCU via UART]
B <-> F[Status LEDs/GPIO]
```
---
- ⤷
What are the main differences between the EM341-RTR and the EM357 series?
- ⤷ How do you configure the EM341-RTR for high-power boost mode?
- ⤷ Can the EM341-RTR be used as a Zigbee Coordinator instead of a Router?