EM346-RTR
AI

The **EM346-RTR** is a specialized electronic module primarily used in smart metering and industrial communication, specifically as an **M-Bus to Wireless M-Bus converter (Bridge/Repeater)**. It is designed to integrate traditional wired M-Bus meters into wireless AMR (Automated Meter Reading) systems.
---
### Core Electronic Components and Specifications
| Component Type | Description | Technical Details |
| :--- | :--- | :--- |
| **Microcontroller (MCU)** | Low-power 32-bit RISC processor | Handles protocol conversion and encryption (AES-128). |
| **RF Transceiver** | Sub-GHz Wireless Module | Operates on 868 MHz (standard) or 433 MHz frequencies. |
| **M-Bus Interface** | Wired physical layer | Supports connection to standard M-Bus slave devices. |
| **Power Supply** | AC/DC Internal Converter | Typically supports 100-240V AC or 12-24V DC inputs. |
| **Antenna** | Internal or External SMA | Used for transmitting data over the "Wireless M-Bus" protocol. |
---
### Functional Block Overview
The EM346-RTR functions through three main electronic stages:
1. **The Wired Interface (Master):**
The electronic circuitry acts as an M-Bus Master. It provides power to the connected bus and reads data from connected heat, water, or gas meters via a two-wire interface.
2. **The Processing Unit:**
The MCU extracts data frames from the wired protocol and re-packages them into **Wireless M-Bus (wM-Bus)** frames. It manages the timing of requests to ensure collision-free transmission.
3. **The Wireless Transmitter (RTR - Router/Repeater):**
Equipped with a high-sensitivity radio, it broadcasts the collected data. In **Repeater mode**, it can also receive wireless signals from distant meters and re-transmit them at higher power to extend the network range.
---
### Key Technical Characteristics
* **Supported Modes:** S, T, and C modes (as per EN 13757-4).
* **Capacity:** Typically supports up to 50-64 wired M-Bus devices depending on the specific hardware revision.
* **Security:** Features hardware-accelerated encryption to ensure data privacy during wireless transmission.
* **Housing:** Usually DIN-rail mountable for industrial electrical cabinets.
---
- ⤷
What is the maximum range of the wireless transmission for the EM346-RTR?
- ⤷ How many wired M-Bus devices can be connected to a single EM346-RTR unit?
- ⤷ Does this module support AES-128 encryption for data security?