Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • EM3586-RTR

  • AI
    ## EM3586-RTR: Electronic Overview The **EM3586-RTR** is a high-performance, synchronous step-down (Buck) DC-DC converter manufactured by **Eutech Microelectronics**. It is primarily used to efficiently step down a higher voltage to a regulated lower voltage. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the EM3586-RTR: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 24V | | **Output Voltage Range** | Adjustable from 0.8V to 15V | | **Continuous Output Current** | Up to 3A | | **Switching Frequency** | Fixed 500kHz | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 (Exposed Pad) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components and Features * **Synchronous Rectification:** Unlike standard buck converters that use a diode, the EM3586 uses an integrated low Rds(on) MOSFET for the low-side switch. This significantly reduces power loss and eliminates the need for an external Schottky diode. * **Internal Soft-Start:** It includes an internal soft-start timer to prevent large inrush currents during power-up, protecting the power source and the chip. * **Protection Mechanisms:** * **OCP (Over Current Protection):** Monitors current through the high-side MOSFET to prevent damage during shorts. * **OTP (Over Temperature Protection):** Shuts down the device if the junction temperature exceeds safety limits. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable enough to drive the internal MOSFETs. * **Current Mode Control:** Provides fast transient response and makes loop stabilization easier. --- ### 3. Pin Configuration (SOP-8) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BS** | Bootstrap. A capacitor is connected between BS and SW to drive the high-side MOSFET. | | 2 | **IN** | Supply Input. Decouple with a large capacitor to ground. | | 3 | **SW** | Switch Output. Connected to the external inductor. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback. Connect to a resistor divider to set the output voltage. | | 6 | **COMP** | Compensation. Used for frequency compensation to stabilize the loop. | | 7 | **EN** | Enable. High = On; Low = Off. | | 8 | **SS** | Soft Start. (Often internal or shared depending on specific sub-variants). | --- ### 4. Typical Application Circuit To utilize the EM3586-RTR, a few external passive components are required: ```markdown 1. Input Capacitor (C_in): Ceramic, typically 10uF - 22uF. 2. Inductor (L): Usually 4.7uH to 10uH (rated for >3A). 3. Output Capacitor (C_out): Ceramic, typically 22uF - 47uH. 4. Feedback Resistors (R1, R2): To set V_out based on the 0.8V reference. 5. Bootstrap Capacitor (C_bs): Usually 0.1uF. ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the feedback resistor values for a 5V output?
    • ⤷ What are the thermal considerations for the SOP-8 exposed pad package?
    • ⤷ Can the EM3586-RTR be used in automotive 12V applications?