Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • EM3587-RTR

  • AI
    ### Overview of the EM3587-RTR The **EM3587-RTR** is a high-performance, integrated System-on-Chip (SoC) designed by Silicon Labs. It is primarily used for **Zigbee** and **Thread** networking applications. It combines a 2.4 GHz IEEE 802.15.4 compliant transceiver with a powerful ARM Cortex-M3 core. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Radio Frequency** | 2.4 GHz (IEEE 802.15.4) | | **Data Rate** | 250 kbps | | **Operating Voltage** | 2.1V to 3.6V | | **Max Transmit Power** | +8 dBm (boost mode) | | **Sensitivity** | -102 dBm (boost mode) | --- ### Major Internal Components #### 1. Microcontroller Unit (MCU) The heart of the EM3587 is the **ARM Cortex-M3** processor. - It operates at frequencies up to 24 MHz. - It features a nested vectored interrupt controller (NVIC) for low-latency interrupt handling. - It includes a Memory Protection Unit (MPU) for increased system reliability. #### 2. Radio Transceiver The radio is designed to meet the rigorous demands of mesh networking: - **Low Power:** Optimized for battery-operated devices. - **Integrated Components:** Includes the power amplifier (PA) and low-noise amplifier (LNA). - **Security:** Built-in hardware support for AES-128 encryption to secure wireless communication. #### 3. Peripherals and Connectivity The EM3587 provides a robust set of interfaces for interacting with sensors and other chips: * **USB 2.0 Full Speed:** Unique to the EM358x series, allowing the device to act as a USB peripheral. * **UART/SPI/I2C:** Multiple serial controllers for communication. * **ADC:** 12-bit Analog-to-Digital Converter for sensor data acquisition. * **Timers:** General-purpose and sleep timers for precise scheduling. --- ### Package and Ordering Information The **"-RTR"** suffix typically denotes the packaging format: * **R:** Indicates the device is delivered in **Reel** format. * **TR:** Specifically stands for **Tape and Reel**, which is standard for automated Surface Mount Technology (SMT) assembly lines. --- ### Common Applications * **Smart Home:** Lighting control, thermostats, and security sensors. * **Smart Energy:** Smart meters and In-Home Displays (IHD). * **Building Automation:** HVAC systems and commercial lighting networks.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM3587 and the EM357?
    • ⤷ How does the USB 2.0 interface benefit Zigbee gateway designs?
    • ⤷ What software stacks are compatible with the EM3587-RTR?