Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • EM3598-RTR

  • AI
    The **EM3598-RTR** is a specific electronic component, typically identified as a **High-Performance Zigbee/Thread Wireless System-on-Chip (SoC)** manufactured by Silicon Labs (Ember series). This part is designed for low-power mesh networking in Smart Home and industrial automation applications. --- ## 1. Core Technical Specifications The EM3598 series is built on an ARM Cortex-M3 processor combined with a 2.4 GHz IEEE 802.15.4 compliant transceiver. | Feature | Specification | | :--- | :--- | | **Processor Core** | 32-bit ARM® Cortex®-M3 | | **Clock Speed** | 12 MHz (up to 24 MHz) | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Radio Protocol** | Zigbee, Thread, IEEE 802.15.4 | | **Operating Voltage** | 2.1V to 3.6V | | **Package Type** | 56-pin QFN (7x7 mm) | --- ## 2. Key Electronic Blocks The "RTR" suffix usually indicates the **Tape and Reel** packaging format for industrial automated assembly. Internally, the chip consists of the following subsystems: ### A. Integrated Transceiver * **Sensitivity:** High receiver sensitivity (approx -101 dBm) which allows for long-range communication without external power amplifiers. * **Output Power:** Programmable transmit power up to +8 dBm (boost mode). * **Frequency:** 2.4 GHz ISM band with 16 channels. ### B. Power Management * Includes an integrated voltage regulator for internal circuitry. * Features deep sleep modes (approx 1.0 µA with timer running) to maximize battery life in wireless sensors. ### C. Peripheral Interfaces * **GPIO:** Flexible General Purpose I/O pins. * **ADC:** 12-bit Analog-to-Digital Converter for reading sensors. * **UART/SPI/TWI:** Standard serial communication protocols for interfacing with other MCUs or external peripherals. * **Timers:** Multiple 16-bit timers for PWM or event counting. --- ## 3. Application Use Cases Because of the high flash memory (512 KB) and RAM (64 KB) compared to earlier models (like the EM357), the EM3598 is used for complex roles: 1. **Zigbee Gateways:** Managing large networks with many nodes. 2. **Smart Lighting:** Controlling color temperature and dimming via mesh commands. 3. **Security Systems:** Handling encrypted data for door locks and motion sensors. 4. **Energy Management:** Communicating with smart meters and HVAC controllers. --- ## 4. Part Number Breakdown * **EM3598:** The specific model number (indicates 512K Flash / 64K RAM). * **-R:** Revision or variant code. * **TR:** Tape and Reel (Packaging method for Pick-and-Place machines).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM3598 and the EM357 model?
    • ⤷ Does the EM3598 support Bluetooth Low Energy (BLE) alongside Zigbee?
    • ⤷ What development software is required to program this SoC?