AI

The **EMMS-AS-100-S-HS-RMB** is a high-performance AC synchronous servo motor manufactured by Festo. This specific model is designed for precise motion control applications.
Below is a detailed breakdown of its electronic and electromechanical components.
---
### 1. General Specifications
The electronic performance of this motor is defined by its winding configuration and feedback systems.
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Nominal Operating Voltage** | 565 V DC |
| **Nominal Current** | 3.3 A |
| **Peak Current** | 15.0 A |
| **Nominal Power** | 1,844 W |
| **Insulation Protection** | Class F (up to 155°C) |
---
### 2. Core Electronic Components
#### A. The Encoder (Feedback System)
The "R" in the product code signifies a **Multi-turn Absolute Encoder**.
* **Technology:** Inductive or Optical sensing.
* **Function:** It tracks the exact position of the rotor. Because it is "Absolute," the system remembers its position even after a power cycle, eliminating the need for a homing run.
* **Resolution:** Typically high-bit resolution (e.g., 18-bit or higher) to ensure smooth torque delivery at low speeds.
#### B. The Winding & Stator
* **Phase:** 3-phase sine-wave brushless design.
* **Winding Protection:** Includes an integrated temperature sensor (typically a **PTC or KTY88**). This sensor communicates with the motor controller to trigger a shutdown if the internal temperature exceeds safe limits, preventing winding burnout.
#### C. The Holding Brake
The "B" in the code indicates an integrated **Electronic Holding Brake**.
* **Operating Principle:** Spring-applied, electromagnetically released.
* **Voltage:** 24 V DC.
* **Function:** When power is removed (either intentionally or during a power failure), the brake engages to hold the load in position. It is not designed for dynamic braking (stopping a moving load) but for static holding.
---
### 3. Connection Interface
The motor uses standardized circular M-style connectors to separate power from sensitive signals.
| Connection Type | Purpose | Pins/Wiring |
| :--- | :--- | :--- |
| **Power Connector** | Supplies 3-phase AC to the stator. | U, V, W, and PE (Ground). |
| **Signal Connector** | Transmits encoder data and brake power. | Encoder signals, Temperature sensor, 24V Brake +/-. |
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the suffix helps identify the electronics:
* **EMMS-AS**: Standard AC Synchronous Servo Motor.
* **100**: Flange size (100mm).
* **S**: Stacker length (Short).
* **HS**: High Speed / Standard winding.
* **R**: Absolute Encoder, Multi-turn.
* **M**: Digital encoder protocol (e.g., Hiperface or EnDat).
* **B**: Integrated Holding Brake.
---
- ⤷
What is the maximum torque and RPM rating for the EMMS-AS-100-S-HS-RMB?
- ⤷ Which Festo motor controllers are compatible with this specific servo motor?
- ⤷ How do I wire the 24V holding brake to prevent voltage spikes?