EMMS-AS-140-L-HS-RMB
AI

The **EMMS-AS-140-L-HS-RMB** is a high-performance AC synchronous servo motor manufactured by Festo. This specific model belongs to the EMMS-AS series, designed for precise positioning and dynamic movement in industrial automation.
Below is a breakdown of its electronic and technical specifications.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 140 mm |
| **Length Code** | L (Long) |
| **Winding Type** | HS (High Speed) |
| **Feedback System** | Multi-turn Absolute Encoder (HIPERFACE®) |
| **Brake Option** | RMB (Integrated Holding Brake) |
| **Nominal Voltage** | 565 V DC |
| **Rated Torque** | ~17.0 Nm to 21.0 Nm (Depending on cooling) |
| **Protection Class** | IP65 (Housing and Connection) |
---
### 2. Electronic Components & Features
#### A. Feedback System (Absolute Encoder)
The motor utilizes a **multi-turn absolute encoder**.
- **Function:** It tracks the exact position of the rotor within a single revolution and counts the number of total revolutions.
- **Advantage:** Unlike incremental encoders, it does not require a "homing" run after a power failure; the controller immediately knows the motor's position.
- **Interface:** Typically utilizes the **HIPERFACE®** protocol for high-resolution feedback.
#### B. Integrated Holding Brake (RMB)
The "RMB" suffix indicates a built-in electromagnetic holding brake.
- **Operation:** It is a "fail-safe" brake, meaning it is engaged when power is removed.
- **Purpose:** To hold the load in position during Emergency Stops or when the motor is de-energized, preventing vertical axes from dropping.
- **Voltage:** Operates on **24V DC**.
#### C. Power and Connection
The motor features high-quality circular connectors for power and signal transmission.
- **Power Connection:** Supplies the 3-phase AC power to the stator windings.
- **Signal Connection:** Transmits encoder data and thermal sensor information.
- **Thermal Monitoring:** Integrated **PTC or NTC sensors** monitor the winding temperature to prevent electronic burnout from overheating.
#### D. Performance Characteristics
The "HS" (High Speed) designation refers to the specific winding arrangement.
- These windings are optimized for lower inductance to allow for higher RPMs at the rated DC bus voltage (565V), facilitating rapid cycle times in production lines.
---
### 3. Compatible Motor Controllers
To operate this electronic motor, a servo drive (motor controller) is required. Festo recommends the **CMMP-AS** or **CMMT-AS** series. These controllers handle:
1. **Commutation:** Converting DC bus voltage into 3-phase AC power.
2. **Current Control:** Managing torque via vector control.
3. **Safety:** Implementing STO (Safe Torque Off).
- ⤷
What are the wiring pinouts for the power and encoder connectors on this motor?
- ⤷ How do I calculate the maximum radial and axial load for the 140-L model?
- ⤷ Can this motor be operated with a non-Festo (third-party) servo drive?