EMMT-AS-40-M-LS-R2M
AI

## EMMT-AS-40-M-LS-R2M: Technical Analysis
The **EMMT-AS-40-M-LS-R2M** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise motion control applications, offering high torque density and a dynamic response.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 40 mm |
| **Winding Type** | M (Medium Speed/Torque) |
| **Length** | S (Short) |
| **Encoder Interface** | Digital (EnDat 2.2 / BiSS-C) |
| **Nominal Voltage** | 325 V DC (Bus Voltage) |
| **Protection Class** | IP65 (Housing) / IP40 (Shaft) |
| **Connection Technology** | Single-Cable Solution (OCP) |
---
### 2. Key Electronic Components
#### A. Integrated Encoder System
The motor utilizes a high-resolution absolute encoder.
- **Feedback Type:** Single-turn or Multi-turn digital feedback.
- **Communication:** Uses a digital serial protocol which provides high noise immunity and eliminates the need for manual commutation offset setup.
- **Resolution:** Typically 18-bit to 24-bit, allowing for sub-micron positioning accuracy when paired with a ball screw.
#### B. Single-Cable Connection (OCP)
One of the most significant electronic features is the **One Cable Plug (OCP)** technology.
- **Function:** Power, motor-temperature monitoring, and encoder data are all transmitted through a single hybrid cable.
- **Electronic Advantage:** Reduces electromagnetic interference (EMI) issues and simplifies wiring architecture, reducing the potential for connection errors.
#### C. Temperature Monitoring
Inside the windings, the motor contains a digital thermal sensor.
- **Protection:** This sensor communicates directly with the motor controller (Servo Drive) via the digital feedback line.
- **Safety:** It prevents thermal runaway by triggering a "Temperature Warning" or "Fault" in the drive if internal thresholds are exceeded.
---
### 3. Electronic System Integration
To operate the EMMT-AS, it must be paired with a compatible servo drive (such as the Festo **CMMT-AS**). The electronic interaction follows this workflow:
1. **Power Supply:** The drive converts AC line voltage to a controlled DC bus.
2. **PWM Inverter:** The drive uses IGBTs (Insulated-Gate Bipolar Transistors) to pulse-width modulate the power to the motor phases.
3. **Closed Loop:** The drive reads the encoder position from the EMMT-AS via the digital link and adjusts the current output thousands of times per second to maintain speed and position.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **EMMT-AS** | Brushless AC Synchronous Motor |
| **40** | Flange size (40mm) |
| **M** | Optimized winding for Medium speeds |
| **LS** | Overall motor length (Short) |
| **R2** | Rotating plug (Angled) |
| **M** | Multi-turn absolute encoder |
---
- ⤷What are the specific torque and RPM ratings for the EMMT-AS-40?
- ⤷ Which servo drive is most compatible with the EMMT-AS series?
- ⤷ How does the 'One Cable Plug' technology improve signal integrity compared to dual-cable systems?