AI

The **EMMT-AS-60-M-LS-RMYB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning tasks and dynamic motion control within industrial automation environments.
---
### 1. Part Number Breakdown
To understand the electronic and mechanical specifications, we can decode the nomenclature:
| Code | Specification | Description |
| :--- | :--- | :--- |
| **EMMT-AS** | Series | Brushless AC Synchronous Servo Motor |
| **60** | Flange Size | 60 mm motor frame size |
| **M** | Length | Medium stack length (torque capacity) |
| **LS** | Connection | Single-cable plug (Hybrid) |
| **R** | Encoder Type | Absolute, Multi-turn (EnDat 2.2) |
| **M** | Output Shaft | Smooth shaft (no keyway) |
| **Y** | Brake | Integrated holding brake |
| **B** | Standard | Generation/Internal revision |
---
### 2. Key Electronic Features
#### A. Digital Encoder (Feedback System)
* **Type:** Absolute Multi-turn (EnDat 2.2 protocol).
* **Function:** It tracks the exact position of the motor shaft. Because it is "Multi-turn," the motor remembers its position even after a power cycle, eliminating the need for a homing run.
* **Electronic Nameplate:** The motor contains an internal memory chip that stores its parameters (current limits, torque constants, etc.). When connected to a Festo CMMT-AS driver, these parameters are uploaded automatically.
#### B. Integrated Holding Brake
* **Function:** An electromechanical brake used to hold the load in place when the motor is de-energized.
* **Operation:** It is a "fail-safe" brake (closed when power is off). It requires a DC voltage (typically 24V) to release.
#### C. Single-Cable Technology (Hybrid Connection)
* **Wiring:** Unlike traditional motors that use one cable for power and one for feedback, this model uses a single "Hybrid" cable.
* **Benefit:** Reduces wiring complexity, saves space in cable chains, and minimizes electromagnetic interference (EMI) risks by using standardized shielding.
---
### 3. Technical Specifications (Electronic/Performance)
| Parameter | Value (Typical) |
| :--- | :--- |
| **Nominal Voltage** | 325 V DC / 565 V DC |
| **Nominal Torque** | ~ 1.3 to 1.5 Nm |
| **Peak Torque** | ~ 4.5 Nm |
| **Nominal Speed** | 3000 - 6000 RPM (depending on voltage) |
| **Insulation Class** | F (up to 155°C) |
| **Protection Class** | IP67 (Motor housing and plug) |
---
### 4. Compatible Drive Systems
This motor is electronically optimized for the **Festo CMMT-AS** series of servo drives. Communication is handled via the digital feedback interface, allowing for high-speed synchronization over industrial Ethernet protocols like:
* EtherCAT
* PROFINET
* EtherNet/IP
---
- ⤷
What are the benefits of using a Multi-turn encoder over a Single-turn encoder in this motor?
- ⤷ Can this motor be used with third-party (non-Festo) servo drives?
- ⤷ How does the integrated holding brake impact the thermal performance of the motor?