EMMT-AS-60-S-LS-RMB
AI

The **EMMT-AS-60-S-LS-RMB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning tasks, typically paired with the CMMT-AS servo drive series.
---
### 1. Technical Specifications Overview
The model code reveals the specific electronic and mechanical characteristics of the motor:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 60 mm |
| **Length** | S (Short) |
| **Winding** | LS (Low Voltage / Standard Speed) |
| **Output Shaft** | R (Radial shaft seal / Round shaft) |
| **Brake** | MB (Integrated Friction Brake) |
---
### 2. Key Electronic Components
#### A. Digital Encoder (EnDat 2.2)
This motor utilizes a **single-cable solution** with a high-resolution digital encoder.
* **Protocol:** EnDat 2.2 (Absolute).
* **Function:** It communicates the exact position of the rotor to the motor controller instantly upon power-up, eliminating the need for homing runs.
* **Electronic Nameplate:** The encoder stores motor parameters (current limits, torque constants), allowing for "Plug and Play" configuration with Festo drives.
#### B. The Holding Brake (MB)
The "MB" suffix indicates an integrated 24V DC electromagnetic friction brake.
* **Operating Principle:** It is a "fail-safe" brake. When power is removed, the brake engages to hold the load in position.
* **Purpose:** Primarily used to prevent vertical axes from falling during power loss or emergency stops.
#### C. Winding Characteristics (LS)
The "LS" designation refers to the internal copper windings:
* **Insulation Class:** Class 155 (F), ensuring durability against high temperatures.
* **Thermal Protection:** Integrated temperature sensors (typically PT1000 or KTY) monitor the windings to prevent burnout by signaling the drive to de-rate or shut down if overheating occurs.
---
### 3. Connection and Interface
The motor uses a hybrid M23 plug connector, which combines several electronic paths into one cable:
1. **Power Leads:** Three phases (U, V, W) plus Ground (PE) for the motor supply.
2. **Brake Leads:** Two wires for the 24V DC brake control.
3. **Data Pair:** High-speed digital communication for the encoder signal.
### 4. Performance Metrics (Electronics Related)
| Parameter | Value (Approx.) |
| :--- | :--- |
| **Nominal Voltage** | 360 V DC - 565 V DC |
| **Nominal Current** | ~1.4 A |
| **Peak Current** | ~5.5 A |
| **Nominal Torque** | ~1.3 Nm |
| **Max Speed** | 6,000 RPM |
---
- ⤷What is the difference between the 'LS' and 'HS' winding versions for this motor series?
- ⤷ Which servo drive model is most compatible with the EMMT-AS-60?
- ⤷ How does the single-cable technology affect electromagnetic interference (EMI)?