EMMT-AS-60-S-LS-RMY
AI

### Technical Overview: EMMT-AS-60-S-LS-RMY
The **EMMT-AS-60-S-LS-RMY** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and dynamic movement in industrial automation.
---
### Key Electronic & Technical Specifications
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Motor Type** | AC Synchronous | Permanent magnet brushless motor. |
| **Flange Size** | 60 mm | Compact square mounting interface. |
| **Power Type** | 3-Phase AC | High efficiency and torque density. |
| **Encoder Interface** | Single-cable (OCP) | Combined power and feedback in one cable. |
| **Feedback Type** | Absolute Encoder | Multi-turn, digital (EnDat 2.2 or similar protocol). |
| **Winding Type** | LS (Low Slot Ripple) | Optimized for smooth rotation at low speeds. |
---
### Core Electronic Components
#### 1. Integrated Encoder (Absolute Multi-turn)
The "R" in the part number indicates the encoder type.
* **Function:** Monitors position, speed, and rotor orientation.
* **Electronic Benefit:** Since it is "Multi-turn," the system remembers its absolute position even after a power cycle, eliminating the need for a homing run.
#### 2. Winding Design (LS - Low Slot)
* The internal electromagnetic design reduces "cogging torque." This electronic optimization ensures that the motor provides a very consistent torque output, which is critical for applications requiring high surface finish quality or precise steady-state speeds.
#### 3. Temperature Sensors
* Integrated thermal sensors (usually PT1000 or KTY) are embedded in the motor windings.
* **Protection:** These sensors provide real-time feedback to the motor controller (e.g., CMMT-AS) to prevent electronic burnout due to overheating.
#### 4. Electronic Connection (One Cable Plug - OCP)
* This model uses the **"M" (M23 Connector)** type for a single-cable solution.
* **Logic:** Both the 3-phase power supply and the digital encoder signals travel through a single shielded cable. This reduces electromagnetic interference (EMI) risks and simplifies wiring.
---
### Performance Ratings (Typical)
* **Nominal Voltage:** 325 V DC / 565 V DC (depending on the drive).
* **Peak Current:** Significant headroom for high acceleration phases.
* **Holding Brake:** The "Y" designation indicates an integrated electronic holding brake (24V DC), which locks the shaft when the motor is de-energized.
- ⤷
What are the compatible servo drives for the EMMT-AS series?
- ⤷ How does the 'One Cable Technology' reduce electronic noise in this motor?
- ⤷ What is the specific torque rating for the 60-S frame size?