AI

The **EMMT-AS-80-S-LS-RMY** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and dynamic movement in industrial automation.
Below is the detailed breakdown of its electronic and electrotechnical components.
---
### 1. General Specifications
| Feature | Detail |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 80 mm |
| **Length** | S (Short) |
| **Winding Type** | LS (Low Speed / Specific Voltage optimized) |
| **Output Connection** | R (Right-angle plug, rotatable) |
| **Encoder Type** | MY (Digital absolute encoder, Multi-turn) |
---
### 2. Electronic Component Breakdown
#### A. Encoder System (The "MY" Designation)
This is the most critical electronic part of the motor.
* **Technology:** It utilizes a **digital absolute encoder** with a **Hiperface DSL** (One Cable Technology) or similar high-speed serial interface.
* **Multi-turn Capability:** It can track the motor's position across multiple revolutions without needing a battery backup (usually via gear-based or magnetic counting), ensuring the controller knows the exact position even after a power cycle.
* **Resolution:** Provides high-resolution feedback (typically 18-24 bit) for extremely smooth velocity control and sub-micrometer positioning accuracy.
#### B. Single-Cable Technology (OCT)
The motor uses a hybrid electronic interface:
* **Integration:** Power, brake control, and encoder signals are combined into a single physical cable/connector.
* **Electronic Nameplate:** The encoder contains an internal memory chip that stores motor parameters (rated current, torque constant, etc.). When connected to a compatible drive (like the Festo CMMT-AS), the drive automatically configures itself.
#### C. Stator and Winding (LS)
* **LS (Low Speed/Voltage):** The electronic winding configuration is optimized for a specific Back-EMF constant. This ensures the motor operates efficiently within the voltage limits of its paired servo drive.
* **Insulation:** Class 155 (F) thermal insulation, often protected by integrated **PTC or Pt1000 temperature sensors** to prevent electronic failure due to overheating.
#### D. Integrated Holding Brake (Optional Variation)
If equipped, the motor includes an electromagnetic brake:
* **Voltage:** 24V DC.
* **Function:** It is a "fail-safe" electronic component that locks the shaft when power is removed to prevent vertical loads from falling.
---
### 3. Electrical Performance Data
| Parameter | Value (Approximate) |
| :--- | :--- |
| **Nominal Voltage** | 325 V DC / 565 V DC |
| **Nominal Torque** | ~2.5 to 3.0 Nm |
| **Peak Torque** | ~7.5 to 9.0 Nm |
| **Protection Class** | IP67 (Housing and Plug) |
---
### 4. Connection Diagram Logic
The M23 plug (rotatable 310°) handles the following electronic pinouts:
1. **Phase U, V, W:** Three-phase AC power.
2. **PE:** Protective Earth.
3. **Brake +/-:** 24V DC control.
4. **Data +/-:** Digital encoder feedback (DSL).
- ⤷
What are the compatible servo drives for the EMMT-AS series?
- ⤷ How does 'One Cable Technology' (OCT) benefit the installation process?
- ⤷ What is the difference between the 'S' and 'M' length versions of this motor?