EMMT-AS-80-S-LS-RMYB
AI

The **EMMT-AS-80-S-LS-RMYB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is part of the EMMT-AS series, designed for demanding industrial automation tasks requiring high dynamic response and precision.
Below is a breakdown of its technical and electronic specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Flange Size** | 80 mm |
| **Length** | S (Short) |
| **Output Power** | ~1.1 kW (Nominal) |
| **Nominal Torque** | 2.6 Nm |
| **Peak Torque** | 9.5 Nm |
| **Nominal Speed** | 3000 - 6000 RPM (depending on voltage) |
| **Protection Class** | IP67 (Housing and Connection) |
---
### 2. Electronic Component Breakdown
The "RMYB" suffix in the model code provides specific details about the electronic configuration:
#### A. Encoder System (Electronic Feedback)
* **Type:** Absolute Encoder, Multi-turn.
* **Protocol:** **Hiperface DSL** (Digital Servo Link).
* **Function:** This is a "single-cable" solution. It communicates position data digitally to the motor controller. Because it is **Multi-turn**, it remembers the absolute position of the motor even after power-off, eliminating the need for a homing run.
#### B. Connection Interface
* **Single Cable Technology:** Unlike traditional motors that require one cable for power and one for feedback, this motor uses one integrated plug for both.
* **Connector Type:** M23 hybrid connector. This reduces wiring complexity and space requirements in cable chains.
#### C. Integrated Holding Brake
* **Voltage:** 24V DC.
* **Function:** The "B" in the suffix indicates an integrated spring-loaded holding brake. This is an electronic safety feature that locks the shaft in place when power is removed, preventing the load from falling in vertical applications.
---
### 3. Winding and Power Electronics
The motor is a brushless design (brushless DC/AC), which means:
* **Electronic Commutation:** The motor requires a servo drive (like the Festo **CMMT-AS**) to switch the current between the windings based on the encoder feedback.
* **Winding Insulation:** Class 155 (F), allowing for high operating temperatures without damaging the internal copper coils.
---
### 4. Summary of Model Code "RMYB"
| Code | Meaning |
| :--- | :--- |
| **R** | Encoder: Absolute, Multi-turn |
| **M** | Encoder Protocol: Hiperface DSL (Digital) |
| **Y** | Standardized Festo Interface |
| **B** | With Holding Brake |
- ⤷
What is the maximum peak current allowed for this specific motor model?
- ⤷ Which motor controllers are compatible with the EMMT-AS series?
- ⤷ How does the Hiperface DSL protocol compare to traditional EnDat 2.2 feedback?