Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ENC1P-D16-R00100L

  • AI
    The **ENC1P-D16-R00100L** is a specific model of an **Optical Rotary Encoder**. It is primarily used in electronics to convert the angular position or motion of a shaft into an analog or digital signal. ### 1. Component Identification This part typically belongs to the **ENC1P series**, which is known for its compact size and high reliability compared to mechanical contact encoders. | Feature | Specification Details | | :--- | :--- | | **Type** | Optical Incremental Encoder | | **Resolution** | 100 Pulses Per Revolution (PPR) | | **Output Type** | 2-bit quadrature (Channel A & B) | | **Mounting** | Panel Mount (D-shape shaft common) | | **Technology** | Non-contacting Optical Sensing | --- ### 2. Key Electronic Characteristics The "Electronic parts" or internal architecture of this device involve several critical subsystems: * **Infrared (IR) Emitter:** An internal LED that projects light toward a coded disc. * **Coded Disc:** A rotating disc with transparent and opaque slots that break the light beam as the shaft turns. * **Photo-detectors:** Silicon sensors that detect the light pulses and convert them into electrical current. * **Signal Processing Circuitry:** Internal comparators or Schmitt triggers that clean the signal into a square wave output to prevent "bouncing" or noise. ### 3. Pinout and Connection While specific manufacturer datasheets should be consulted for wiring colors, the ENC1P series generally follows this standard 4 or 5-pin configuration: 1. **VCC:** Power Supply (usually 5V DC). 2. **GND:** Ground. 3. **Channel A:** Phase output for pulse counting. 4. **Channel B:** Phase output (offset by 90°) to determine direction. 5. **Index (Optional):** A "Z" pulse indicating one full revolution. --- ### 4. Technical Advantages | Advantage | Description | | :--- | :--- | | **Long Life** | Because it is optical (no physical brushes), it can last for millions of rotations. | | **Precision** | 100 PPR provides high granularity for volume knobs, menu navigation, or motor feedback. | | **Low Noise** | Unlike mechanical encoders, it does not suffer from "contact chatter" or oxidation. | ### 5. Common Applications * **Audio Equipment:** Digital volume and frequency tuning. * **Medical Devices:** Precise adjustment of parameters on ventilators or monitors. * **Industrial Controls:** Setting values on PLCs or HMI panels. * **Robotics:** Basic feedback for motor rotation and speed. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an optical and a mechanical encoder?
    • ⤷ How do I calculate the direction of rotation using Channel A and B?
    • ⤷ What is the recommended input voltage for the ENC1P series?