AI

## F2AP-A1-R: Electronic Specifications and Components
The **F2AP-A1-R** is a specific model of an **Active Piezo Buzzer** (also known as an external drive magnetic transducer or indicator). It is widely used in automotive, industrial, and consumer electronics to provide audible alerts.
### 1. Key Technical Specifications
Below is a breakdown of the core electronic parameters for the F2AP-A1-R:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Rated Voltage** | 12 | VDC |
| **Operating Voltage** | 3.0 ~ 20.0 | VDC |
| **Rated Current** | Max 10 | mA |
| **Sound Output (at 10cm)** | Min 85 | dB |
| **Resonant Frequency** | 3,400 ± 500 | Hz |
| **Operating Temperature** | -30 ~ +85 | °C |
| **Tone Nature** | Continuous | - |
---
### 2. Internal Electronic Structure
The F2AP-A1-R is an **Active** device, meaning it contains internal circuitry. Unlike passive buzzers, it does not require an external AC signal to produce sound.
1. **Oscillator Circuit:** A built-in transistor-based oscillator converts the incoming DC voltage into an oscillating signal at the resonant frequency (approx. 3.4 kHz).
2. **Piezoelectric Element:** A ceramic disc coated with a metallic layer. When the oscillator applies voltage, the disc deforms (the piezoelectric effect), creating pressure waves in the air.
3. **Resonance Chamber:** The plastic housing is specifically shaped to amplify the sound produced by the piezo element.
---
### 3. Connection and Implementation
Because it is a DC-driven device, the wiring is straightforward. It usually features two leads or pins:
* **Red / Long Lead (+):** Positive Terminal.
* **Black / Short Lead (-):** Negative/Ground Terminal.
#### Simple Circuit Example
To drive this part using a microcontroller (like an Arduino) and a transistor to protect the I/O pin:
```cpp
// Example: Basic Tone Control
const int buzzerPin = 9; // Connected to the base of a transistor
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
digitalWrite(buzzerPin, HIGH); // Sound ON
delay(1000); // Wait 1 second
digitalWrite(buzzerPin, LOW); // Sound OFF
delay(1000);
}
```
---
### 4. Comparison: Active vs. Passive
| Feature | F2AP-A1-R (Active) | Passive Counterpart |
| :--- | :--- | :--- |
| **Input Signal** | DC Voltage | PWM / AC Signal |
| **Ease of Use** | High (Plug and Play) | Moderate (Requires programming) |
| **Tone Flexibility** | Fixed Tone | Variable Pitch |
| **Complexity** | Contains internal driver | Requires external driver |
- ⤷
What are the mounting options for the F2AP-A1-R (Pin vs. Lead wire)?
- ⤷ How does increasing the voltage affect the decibel (dB) output of this buzzer?
- ⤷ Can this buzzer be used with a 5V logic system without a step-up converter?