Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • F2SP-0-R/Q

  • AI
    The **F2SP-0-R/Q** is a high-performance, programmable logic controller (PLC) module typically associated with industrial automation systems, specifically within the **Fuji Electric MICREX-F** series or similar high-speed processing architectures. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications Overview The F2SP-0-R/Q is categorized as a CPU or High-Function Module designed for real-time control. | Feature | Description | | :--- | :--- | | **Component Type** | Central Processing Unit / Function Module | | **Processing Speed** | High-speed logic execution (Microsecond range) | | **Memory Architecture** | Integrated RAM/ROM for program and data storage | | **Interface Port** | RS-232C or RS-485 (depending on configuration) | | **Status Indicators** | LED displays (RUN, ERR, ALM) | | **Mounting** | Backplane / Rack mountable | --- ### 2. Key Electronic Components #### A. Internal Logic (Processing Unit) * **ASIC/Microprocessor:** At its core, the unit uses a custom Application Specific Integrated Circuit (ASIC) designed by Fuji Electric to handle ladder logic at hardware speeds rather than relying purely on software emulation. * **Bus Interface:** Uses a high-speed parallel bus to communicate with I/O modules via the backplane, ensuring minimal latency. #### B. Memory Storage * **EEPROM/Flash:** Stores the user application program. This ensures that the logic is retained even after a total power failure. * **SRAM with Battery Backup:** Used for data registers ($D$, $W$, etc.) that require frequent updates. A lithium battery is usually integrated to prevent data loss during downtime. #### C. Communication & Isolation * **Optocouplers:** The internal logic is electronically isolated from the external communication ports to prevent high-voltage surges from damaging the CPU. * **Transceiver ICs:** Standard RS-series chips manage the signal levels for programming and HMI (Human Machine Interface) connections. #### D. Power Management * **DC-DC Converter:** Converts the backplane voltage (typically 5V or 24V) to the lower voltages required by the internal microchips (e.g., 3.3V or 1.8V). --- ### 3. Connection and Pinout Logic While specific pinouts depend on the exact revision (R vs. Q), the general interface follows this structure: ```text [ Power Pins ] ----> 24V DC Input / Ground [ Comm Pins ] ----> TXD, RXD, RTS, CTS, SG (Signal Ground) [ Status LEDs] ----> RUN (Green), ALM (Red), ERR (Red) ``` --- ### 4. Application Context The "R/Q" designation often refers to specific communication protocols or redundancy features: 1. **Redundancy:** High-availability setups where one unit takes over if the other fails. 2. **Compatibility:** Designed to work within the MICREX-F or SX series ecosystems for controlling motors, sensors, and actuators in factory environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q versions of this module?
    • ⤷ How do I replace the backup battery for the F2SP-0-R memory?
    • ⤷ Which programming software is required to configure the F2SP-0-R/Q?