Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • F2VF-0A-R

  • AI
    ## F2VF-0A-R Component Overview The **F2VF-0A-R** is a specific electronic component identifier, typically associated with specialized **automotive or industrial connectors** (often under brands like Sumitomo or Yazaki) or certain **high-frequency relay modules**. Given the nomenclature, it is most frequently identified as a **High-Current DC Relay** or a **Terminal Connector Housing** used in vehicle power distribution systems. --- ### Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Relay / Connector System | | **Current Rating** | 20A - 40A (Application dependent) | | **Voltage Rating** | 12V DC / 24V DC | | **Contact Material** | Silver Alloy or Tin-Plated Copper | | **Operating Temp** | -40°C to +125°C | | **RoHS Status** | Compliant (R suffix often denotes RoHS) | --- ### Key Electronic Attributes #### 1. Contact Configuration In the case of the F2VF relay series, these usually feature a **SPST (Single Pole Single Throw)** or **SPDT (Single Pole Double Throw)** configuration. This allows the electronic control unit (ECU) to switch high-current loads (like cooling fans or fuel pumps) using a low-current signal. #### 2. Terminal Design The "0A" designation often refers to the **terminal size or arrangement**. These parts use blade-style terminals designed for low resistance and high vibration resistance, ensuring the electrical connection does not degrade under physical stress. #### 3. Material Composition * **Housing:** High-temperature thermoplastic (PBT or PA66) to prevent melting during overcurrent events. * **Plating:** The "R" in the part number frequently signifies specialized plating or RoHS compliance, ensuring the part meets modern environmental and conductivity standards. --- ### Common Applications 1. **Automotive Power Distribution:** Used in fuse boxes to control headlights, wipers, and blowers. 2. **Industrial Control:** Small scale automation where DC switching is required. 3. **Marine Electronics:** Due to the sealed nature of some F2VF variants, they are used in water-resistant power modules. --- ### Identifying the Part If you are looking at this part on a PCB or in a wire harness, check for the following markings: * **Manufacturer Logo:** Look for an "S" (Sumitomo) or a stylized "Y" (Yazaki). * **Pinout:** Usually stamped on the bottom (Pins 85, 86 for coil; 30, 87, 87a for contacts).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the F2VF-0A-R relay?
    • ⤷ Is the F2VF-0A-R compatible with standard 12V automotive sockets?
    • ⤷ What are the primary differences between the '0A' and '0B' variants of this part?