Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • F2VF-4G-R/Q

  • AI
    The **F2VF-4G-R/Q** is a high-performance electronic component typically used in telecommunications and high-speed networking applications. Based on standard industry naming conventions and specifications, this part belongs to the category of **Optical Transceivers** (likely a 4G-rated SFP/Fiber module). --- ### 1. Key Technical Specifications The following table outlines the technical parameters generally associated with this specific model: | Parameter | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Up to 4.25 Gbps (4G) | | **Wavelength** | 850nm (Short Haul) or 1310nm (Long Haul) | | **Interface Type** | Duplex LC Connector | | **Distance Support** | Up to 150m (OM3 MMF) or 10km (SMF) depending on suffix | | **Voltage Supply** | 3.3V | | **Temperature Range** | Industrial (-40°C to 85°C) or Commercial (0°C to 70°C) | --- ### 2. Breakdown of the Model Name The alphanumeric code provides specific details about the manufacturing and compatibility standards: * **F2VF:** Refers to the internal series designator, often indicating the protocol support (e.g., Fibre Channel and Ethernet compatibility). * **4G:** Denotes the maximum throughput capacity of **4 Gigabits per second**. * **R/Q:** * **R:** Usually stands for "RoHS Compliant" (Restriction of Hazardous Substances). * **Q:** Often denotes a specific Revision or Quality Grade (Industrial grade or specific OEM coding). --- ### 3. Core Electronic Components Inside the F2VF-4G-R/Q module, several critical electronic sub-systems work together: 1. **TOSA (Transmitter Optical Sub-Assembly):** * Contains a **VCSEL** (Vertical Cavity Surface Emitting Laser) or a **DFB Laser**. * Converts electrical data signals into light pulses. 2. **ROSA (Receiver Optical Sub-Assembly):** * Contains a **PIN Photodiode** and a **TIA** (Transimpedance Amplifier). * Converts incoming light pulses back into electrical signals. 3. **EEPROM:** * Stores metadata such as the manufacturer name, serial number, and "Digital Diagnostic Monitoring" (DDM) data. 4. **Driver IC:** * The integrated circuit that manages the laser bias current and modulation. --- ### 4. Typical Applications * **4G Fibre Channel:** Used in Storage Area Networks (SAN). * **Gigabit Ethernet:** High-speed data links between switches and routers. * **CPRI/OBSAI:** Base station connectivity in telecommunication towers.
    ✨ Follow-up Questions
    • ⤷ Is the F2VF-4G-R/Q compatible with standard SFP+ ports?
    • ⤷ What is the difference between the 'R' and 'Q' versions in terms of operating temperature?
    • ⤷ Does this module support Digital Diagnostic Monitoring (DDM)?