F2VF-DA-R
AI

The **F2VF-DA-R** is a specific electronic component, typically categorized as a high-density, high-speed connector, often utilized in automotive or industrial electronic control units (ECUs).
---
## 🛠️ Technical Specifications & Overview
The F2VF series is designed for reliable signal transmission in environments where space is limited and vibration resistance is mandatory.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Board-to-Wire / Board-to-Board Connector |
| **Series** | F2VF Series |
| **Housing Material** | High-temperature thermoplastic (e.g., PBT or PA66) |
| **Contact Plating** | Usually Tin or Gold (depending on specific sub-variant) |
| **Configuration** | Dual Row (indicated by "D") |
| **Mounting Style** | Right Angle (indicated by "R") |
---
## 🔍 Key Electronic Attributes
### 1. Connectivity & Pitch
* **High Density:** Designed to pack a high number of pins into a small footprint, critical for modern PCB design.
* **Right Angle (R):** The "R" suffix indicates a right-angle orientation, meaning the connector sits parallel to the PCB, allowing for side-entry cable mating which saves vertical space.
### 2. Mechanical Integrity
* **Locking Mechanism:** These parts usually feature a robust primary and secondary locking system to ensure the terminal remains seated during high-vibration scenarios (common in automotive engines or chassis).
* **Alignment:** The housing is keyed to prevent "mismating" or incorrect insertion.
### 3. Electrical Performance
* **Current Rating:** Typically designed for low-power signal transmission (often 3A to 5A per pin).
* **Contact Resistance:** Engineered for low milliohm resistance to maintain signal integrity for sensors and data buses.
---
## 🚦 Common Applications
The F2VF-DA-R is most frequently found in:
1. **Automotive ECUs:** Engine management systems and body control modules.
2. **Infotainment Systems:** Connecting display units to main processing boards.
3. **Industrial Automation:** PLCs (Programmable Logic Controllers) where compact footprints are required.
---
## 📝 Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (often associated with brands like **JST** or **Molex** variants), the breakdown generally follows this logic:
* **F2VF:** Series identifier (Form factor).
* **DA:** Dual-row, specific layout configuration.
* **R:** Right-angle mounting orientation.
- ⤷
What is the exact pin count for the F2VF-DA-R variant you are using?
- ⤷ Are you looking for the PCB footprint/land pattern for this part?
- ⤷ Does this connector require specific crimp terminals for the mating side?