Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • F2VS-01-R

  • AI
    ## Overview of F2VS-01-R The **F2VS-01-R** is an industrial electronic component, specifically a **Voltage Monitoring Relay** (often part of a series used for power quality sensing). These devices are critical in automation to protect equipment from voltage fluctuations that could lead to motor burnout or electronic failure. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Monitoring / Sensing Relay | | **Input Type** | AC/DC Voltage (Model specific, typically 0-10V or 0-200V) | | **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) | | **Mounting** | DIN Rail or Panel Mount | | **Adjustment** | Potentiometer for threshold setting | --- ### 2. Internal Electronic Components The F2VS-01-R operates through a combination of analog and digital logic to ensure safety: * **Comparator Circuit:** Compares the incoming measured voltage against a pre-set reference value defined by the user via the onboard dial. * **Hysteresis Logic:** Prevents "chattering" (rapid switching) when the voltage fluctuates right at the threshold limit. * **Electromechanical Relay:** The output stage. When the voltage exceeds or falls below the limit, a physical coil is energized/de-energized to open or close an external circuit. * **LED Indicators:** Usually features Green (Power) and Red (Alarm/Trip) LEDs for visual diagnostic status. --- ### 3. Functional Operation The device typically operates in one of two modes depending on its internal wiring: 1. **Over-voltage Protection:** The relay trips if the voltage rises above the setpoint. 2. **Under-voltage Protection:** The relay trips if the voltage drops below a safe operating level. --- ### 4. Connection Diagram (Example Logic) ```text [ Power Supply L/N ] ----> [ Internal Logic ] | [ Monitored Signal ] ----> [ Comparator ] ----> [ Relay Coil ] | [ NO / COM / NC ] (External Alarm) ``` --- ### 5. Common Applications * **Motor Protection:** Ensuring a motor does not run during a brownout. * **Battery Monitoring:** Triggering a charger or alarm when battery voltage drops. * **Process Control:** Ensuring sensors or PLC inputs receive the correct signal levels. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the F2VS-01-R?
    • ⤷ How do you adjust the trip delay on this specific relay model?
    • ⤷ Can the F2VS-01-R be used for both AC and DC monitoring?