F2VS-K2-R
AI

### Analysis of the F2VS-K2-R Component
The **F2VS-K2-R** is a specific electronic component typically associated with **pressure sensing and control systems**, often manufactured by companies like **SMC Corporation** or specialized automation suppliers. It is primarily used in vacuum/pressure switch configurations.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the F2VS series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Electronic Pressure/Vacuum Switch |
| **Input Voltage** | 12 to 24 VDC |
| **Current Consumption** | $\le$ 30 mA |
| **Output Type** | NPN Open Collector (Standard for -R suffix) |
| **Max Load Current** | 80 mA |
| **Max Applied Voltage** | 30 VDC |
| **Pressure Range** | Varies by sub-model (typically 0 to -101 kPa for vacuum) |
---
### 2. Key Electronic Features
#### A. Digital Display & Control
The unit features a built-in LED or LCD display that provides real-time pressure readings. It allows for the setting of threshold values (set points) which trigger the electronic output.
#### B. NPN Output (Suffix -R)
The **-R** in the part number often denotes the output logic or a specific wiring configuration:
* **NPN Logic:** The switch acts as a "sink," connecting the load to the ground (0V) when the set pressure is reached.
* **Response Time:** These units feature high-speed electronic switching, typically under **5ms**, making them much faster than mechanical switches.
#### C. Hysteresis Adjustment
Electronic parts in this series allow users to adjust the **Hysteresis**. This prevents the output from "chattering" (rapidly turning on and off) when the pressure fluctuates slightly around the set point.
---
### 3. Pinout and Wiring (General)
The device typically uses a 3-wire or 4-wire interface:
1. **Brown:** Power (+) 12-24V DC.
2. **Blue:** Power (-) 0V / Common.
3. **Black:** Control Output (NPN).
4. **White (if present):** Analog output (1-5V) or secondary switch.
---
### 4. Application Areas
* **Pick and Place Robots:** Monitoring vacuum suction to ensure a part is held securely.
* **Leak Testing:** Detecting minute drops in pressure within a sealed system.
* **Pneumatic Control:** Ensuring line pressure remains within a safe operating window for machinery.
---
- ⤷
What is the difference between NPN and PNP output in these sensors?
- ⤷ Can this sensor provide an analog 4-20mA output instead of digital?
- ⤷ What is the specific pressure range for the K2 variant?