Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FAS-56-R

  • AI
    The **FAS-56-R** is an addressable fire alarm sounder designed for use in fire detection and notification systems. It is primarily characterized by its integration with intelligent control panels, allowing for precise control and monitoring of individual devices on a signaling line circuit (SLC). ### 1. Key Electronic Components and Features The internal electronics of the FAS-56-R are engineered to balance low current consumption with high decibel output. | Component | Function / Description | | :--- | :--- | | **Microprocessor** | Manages digital communication with the Fire Alarm Control Panel (FACP) and controls tone generation. | | **Piezoelectric Transducer** | The core sound-producing element that converts electrical signals into high-frequency mechanical vibrations (sound). | | **Addressable Module** | Built-in circuitry that allows the device to have a unique ID, enabling the panel to activate it individually or in groups. | | **EEPROM Memory** | Stores the device's unique address and configuration settings (e.g., tone selection). | | **Voltage Regulator** | Ensures stable internal operation despite fluctuations in the loop voltage (typically 17V to 28V DC). | --- ### 2. Technical Specifications From an electronics perspective, the FAS-56-R operates under specific electrical parameters to ensure system integrity: * **Operating Voltage:** 17 – 28 VDC (Power is usually supplied directly via the two-wire loop). * **Quiescent Current:** Very low (typically < 500 µA) to minimize battery drain during standby. * **Alarm Current:** Roughly 5mA to 10mA (depending on the specific tone and volume setting). * **Sound Output:** Adjustable, usually ranging from 75dB to 102dB at 1 meter. --- ### 3. Functional Capabilities #### Digital Communication Unlike conventional sounders that simply turn on when power is applied, the FAS-56-R uses a **communication protocol** (such as FlashScan or CLIP, depending on the manufacturer ecosystem). This allows for: * **Device Supervision:** The panel monitors the electronic health of the sounder. * **Tone Synchronization:** The electronics allow multiple sounders to pulse in unison without additional sync modules. #### Selectable Tones The internal circuitry typically supports multiple sound patterns via DIP switches or software programming, including: * **Constant** * **Pulsed** * **Slow Whoop** * **ISO 8201 (Temporal 3)** --- ### 4. Circuit Protection To ensure reliability in emergency conditions, the PCB (Printed Circuit Board) includes: 1. **Reverse Polarity Protection:** Prevents damage if the loop wires are connected incorrectly. 2. **Transient Voltage Suppression (TVS):** Protects the microprocessor from power surges and lightning strikes on the signaling line.
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for connecting the FAS-56-R to a control panel?
    • ⤷ Does the FAS-56-R require a separate 24V power supply or is it loop-powered?
    • ⤷ How is the digital address set on this specific sounder model?