Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FCLM635P20RM3

  • AI
    The **FCLM635P20RM3** is a high-performance, fiber-coupled laser diode module. It is primarily used in industrial, medical, and scientific applications where precision red light delivery is required. --- ## 1. Technical Specifications The following table outlines the primary electronic and optical characteristics of the module: | Parameter | Value | Notes | | :--- | :--- | :--- | | **Center Wavelength** | 635 nm | Visible Red Spectrum | | **Output Power** | 20 mW | Rated at the fiber end | | **Operating Voltage** | 2.2V - 2.6V | Typical DC range | | **Operating Current** | 60mA - 100mA | Varies by specific binning | | **Fiber Type** | Single-mode (SM) | Typically 4/125 µm | | **Connector Type** | FC/PC or FC/APC | High precision coupling | --- ## 2. Key Electronic Components & Features The module consists of several integrated parts that ensure stable operation: ### A. Laser Diode (LD) The core component is a semiconductor laser chip based on **InGaAlP** (Indium Gallium Aluminum Phosphide) technology. It converts electrical energy into coherent red light at 635nm. ### B. Internal Monitor Photodiode (PD) Most modules in this series include an integrated photodiode. This part is crucial for: * **Automatic Power Control (APC):** Providing feedback to the driver circuit to maintain constant optical power. * **Safety:** Shutting down the system if power spikes occur. ### C. Fiber Coupling Assembly While mechanical, the coupling involves precise alignment with the laser's emitting facet. The **FCLM** designation indicates a **Fiber-Coupled Laser Module**, which protects the diode from back-reflections and ensures a high-quality Gaussian beam profile. --- ## 3. Implementation Requirements To operate this part correctly, specific electronic support is needed: 1. **Constant Current Driver:** Laser diodes are current-sensitive devices. Using a standard voltage source without current limiting will cause thermal runaway and permanent damage. 2. **Heat Sinking:** Although 20mW is relatively low power, the small footprint of the RM3 package requires a heat sink to maintain wavelength stability and lifespan. 3. **ESD Protection:** This component is extremely sensitive to Electrostatic Discharge (ESD). Anti-static wrist straps and grounded workstations are mandatory during installation. --- ## 4. Common Applications * **Flow Cytometry:** Used as a light source for cell analysis. * **Confocal Microscopy:** High-resolution imaging. * **Precision Alignment:** Because the beam is fiber-delivered, it can be positioned in tight spaces for industrial leveling.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the FCLM635P20RM3?
    • ⤷ What are the recommended driver circuits for 635nm laser modules?
    • ⤷ How does temperature affect the wavelength of this laser diode?