AI

The **FCR-16Z-R** is a high-performance, programmable digital temperature controller manufactured by **Shinko Technos**. It is designed for industrial applications requiring precise PID control in a compact 48x48mm (1/16 DIN) form factor.
---
### 1. Technical Specifications Overview
The following table highlights the core electronic characteristics of the FCR-16Z-R:
| Feature | Specification |
| :--- | :--- |
| **Power Supply** | 100 to 240V AC (Standard) / 24V AC/DC (Optional) |
| **Input Type** | Multi-input (Thermocouple, RTD, DC Voltage, DC Current) |
| **Output Type (R)** | **Relay Contact Output** (1a, 250V AC 3A) |
| **Control Method** | PID (with auto-tuning) or ON/OFF control |
| **Display** | 4-digit Red LED (Process Value) and Green LED (Set Value) |
| **Sampling Period** | 0.25 seconds |
| **Memory** | Non-volatile (EEPROM) |
---
### 2. Key Electronic Components & Terminals
The device consists of several critical electronic sub-systems:
#### A. Control Output (The "-R" Suffix)
The "R" in the model name indicates that the primary control output is a **Relay**.
* **Function:** It acts as an electronic switch to turn heaters or cooling elements on/off.
* **Capacity:** Rated for 3A resistive loads. For high-power industrial heaters, this relay typically triggers a larger External Contactor or Magnetic Switch.
#### B. Universal Input Circuit
The FCR series features a sophisticated input stage that can be configured via software to read different sensors:
* **Thermocouples:** K, J, R, S, B, E, T, N, etc.
* **RTDs:** Pt100, JPt100 (3-wire system for lead-wire resistance compensation).
* **Linear Inputs:** 4-20mA or 0-10V (requires shunt resistors for current).
#### C. Communication & Alarms
* **Alarm Outputs:** Usually equipped with one or two alarm relay outputs (A1/A2) for over-temperature protection.
* **Retransmission (Optional):** Some variants allow sending the process value as a 4-20mA signal to a PLC or chart recorder.
---
### 3. Wiring Configuration (General)
The back of the unit features a terminal block usually mapped as follows:
1. **Terminals 1-2:** Power Supply (AC or DC).
2. **Terminals 3-5:** Control Output (Relay Contact).
3. **Terminals 7-9:** Input Sensor (Thermocouple or RTD).
4. **Terminals 10-12:** Event/Alarm Outputs.
---
### 4. Distinctive Features
* **Auto-tuning:** Automatically calculates PID constants (Proportional, Integral, Derivative) to stabilize the temperature.
* **Dust/Drip-proof:** The front panel usually carries an IP66 rating, protecting the electronics from harsh industrial environments.
---
- ⤷
How do I switch the input type from a Thermocouple to an RTD on this model?
- ⤷ What is the difference between the FCR-16Z-R and the FCR-16Z-S?
- ⤷ Can this controller be used for cooling applications instead of heating?