Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FCR-JZ-R

  • AI
    ## Electronic Components of the FCR-JZ-R The **FCR-JZ-R** series typically refers to a specialized line of **High-Precision Foil Resistors**, often utilized in aerospace, metrology, and high-end audio applications where stability and low noise are critical. Below is a breakdown of its electronic characteristics and construction. --- ### 1. Core Technical Specifications The "JZ" designation usually signifies a specific tolerance and temperature coefficient (TCR) profile. | Feature | Specification Details | | :--- | :--- | | **Resistive Element** | Bulk Metal Foil (Nickel/Chromium alloy) | | **Tolerance Range** | High precision, typically ±0.01% to ±0.1% | | **TCR (Temp. Coefficient)** | Extremely low (e.g., ±2 ppm/°C to ±5 ppm/°C) | | **Load Life Stability** | Excellent (ΔR < 0.05% after 2,000 hours) | | **Inductance** | Non-inductive design (< 0.08 μH) | --- ### 2. Key Electronic Parts & Construction The FCR-JZ-R is not a complex circuit, but rather a sophisticated passive component. Its "parts" consist of the following layers: * **Substrate:** A ceramic alumina base that provides high thermal conductivity and mechanical strength. * **Foil Element:** A thin layer of special alloy (Bulk Metal Foil) is bonded to the ceramic. This foil is photolithographically etched into a serpentine pattern. * **Adjustment Points:** The resistive pattern includes "trimming tabs" that are laser-cut during manufacturing to reach the exact ohmic value. * **Encapsulation:** A moisture-resistant epoxy or silicone resin coating (often rectangular/radial leaded) to protect the foil from oxidation and humidity. * **Lead Wires:** Solderable copper leads, often tin-plated, designed for low thermal EMF (Electromotive Force). --- ### 3. Electronic Performance Advantages Why these parts are chosen for high-end electronics: 1. **Low Thermal EMF:** The junction between the lead material and the foil element is designed to minimize small voltage offsets caused by temperature gradients. 2. **Fast Rise Time:** Due to the non-inductive etching pattern, the part responds quickly to high-speed pulses without ringing. 3. **Low Noise:** Unlike thick-film or carbon resistors, the bulk metal foil does not generate significant "current noise," making it ideal for low-level signal amplification. --- ### 4. Application Use Cases * **Current Sensing:** In high-stability power supplies. * **Bridge Circuits:** In precision weighing scales and pressure transducers. * **Audio Equipment:** In high-fidelity gain stages where transparency is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FCR-JZ-R and standard thick-film resistors?
    • ⤷ Can you provide the specific dimensions for the FCR-JZ-R series?
    • ⤷ How does the Bulk Metal Foil technology impact its shelf-life stability?