FDK191-832-R-DC
AI

The **FDK191-832-R-DC** is a specialized industrial-grade rackmount LCD monitor, typically utilized in mission-critical environments such as maritime navigation, industrial automation, and server room management.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Technical Specifications
The device is defined by its robust display properties and its ability to operate on Direct Current (DC).
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 19-inch TFT Active Matrix LCD |
| **Resolution** | 1280 x 1024 (SXGA) |
| **Power Input** | 24V DC (Standard for Industrial/Marine use) |
| **Aspect Ratio** | 5:4 |
| **Mounting** | 19-inch Rackmount (8U or 9U height) |
| **Brightness** | Typically 250 - 350 cd/m² |
---
## 2. Key Electronic Subsystems
### A. The AD Board (Analog-to-Digital Controller)
The heart of the monitor is the AD board, which converts incoming video signals (VGA, DVI) into a format the LCD panel can understand (LVDS).
* **Signal Processing:** Handles scaling, color management, and refresh rates.
* **OSD Control:** Manages the "On-Screen Display" electronics for brightness and contrast adjustments.
### B. DC-DC Power Converter
Unlike standard consumer monitors that use AC-DC adapters, the "DC" suffix in this model indicates an internal power regulation system designed for stable DC input.
* **Voltage Regulation:** Converts raw 24V DC input into stable 5V and 12V rails for the logic boards and backlight.
* **Protection:** Includes surge protection and EMI filtering to handle the "dirty" power often found in industrial generators or ship engines.
### C. Backlight Inverter/LED Driver
Depending on the specific revision of the FDK191 series:
* **CCFL Inverter:** Older versions use high-voltage inverters to power cold-cathode lamps.
* **LED Driver:** Modern "R" versions often use LED backlighting, requiring a constant-current driver circuit to ensure uniform brightness.
---
## 3. Connectivity and Interface
The electronic interface on the rear panel usually includes:
* **Video Inputs:** 1x VGA (D-Sub 15pin) and 1x DVI-D.
* **Power Terminal:** Industrial screw-type terminal block or a locking circular connector for DC input to prevent accidental disconnection due to vibration.
* **Anti-Reflective Coating:** The panel electronics are often shielded behind a protective glass layer with AR coating to improve visibility in high-glare environments.
---
## 4. Environmental Ruggedization
The electronics are built to withstand harsher conditions than standard office hardware:
1. **Vibration Resistance:** Internal ribbon cables are often glued or mechanically locked.
2. **Heat Dissipation:** The metal chassis acts as a large heat sink for the internal power components.
3. **EMI Shielding:** Heavy metal casing prevents electromagnetic interference from affecting nearby sensitive radio or navigation equipment.
- ⤷What are the specific pinout configurations for the 24V DC input?
- ⤷ Does the FDK191-832-R-DC support touch screen integration?
- ⤷ What is the power consumption in Watts during peak operation?