Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FF0841SA1-R3000

  • AI
    The **FF0841SA1-R3000** is a specialized electronic component primarily used in high-density electronic assemblies. Based on its nomenclature, it is a **Flexible Printed Circuit (FPC) Connector** manufactured by JAE (Japan Aviation Electronics Industry). --- ### ## Technical Specifications Below are the primary technical characteristics of the FF08 series connector: | Feature | Specification | | :--- | :--- | | **Connector Type** | FPC (Flexible Printed Circuit) Connector | | **Pitch** | 0.5 mm (High density) | | **Mounting Orientation** | Right Angle (Horizontal) | | **Contact Points** | Bottom Surface Contacts | | **Locking Mechanism** | Front Flip (ZIF - Zero Insertion Force) | | **Height** | 0.9 mm (Ultra low profile) | | **Number of Positions** | 41 Pins | | **Packaging** | Tape and Reel (3,000 pieces per reel) | --- ### ## Key Structural Components 1. **Insulator/Housing:** Made of high-temperature heat-resistant plastic (typically LCP - Liquid Crystal Polymer) to withstand SMT (Surface Mount Technology) reflow soldering. 2. **Actuator:** A flip-lock lever that simplifies the insertion of the FPC cable and provides high retention force once closed. 3. **Contacts:** Copper alloy with gold plating to ensure high conductivity and prevent oxidation over time. 4. **Hold-downs:** Metallic tabs on the sides of the connector that provide mechanical stability when soldered to the PCB, preventing the connector from peeling off under stress. --- ### ## Application Areas Due to its thin profile and high pin count, this part is commonly found in: * **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. * **Laptops/Tablets:** Internal wiring for keyboards, touchpads, and secondary sensor boards. * **Wearables:** Compact medical devices or smartwatches where vertical space is limited. --- ### ## Usage Notes * **ZIF Mechanism:** This is a "Zero Insertion Force" connector. The actuator must be opened before inserting the FPC to avoid damaging the delicate gold traces on the ribbon cable. * **Contact Orientation:** This specific model is a **Bottom Contact** type, meaning the gold fingers on the FPC cable must face downwards toward the PCB surface. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Top Contact and Bottom Contact FPC connectors?
    • ⤷ How does the ZIF locking mechanism differ from a LIF mechanism?
    • ⤷ What are the recommended soldering temperature profiles for this JAE connector?