Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FJDL-A46-R

  • AI
    The **FJDL-A46-R** is a specific model of an **LCD Driver/Inverter Transformer** or a related power management component, commonly found in automotive displays, instrument clusters, and older LCD monitor backlighting systems. Below is a breakdown of its technical characteristics and functions. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often produced by brands like *FDK* or specialized inductive component suppliers), the general profile for the FJDL-A46-R is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | High-Frequency Step-up Transformer / CCFL Inverter | | **Primary Application** | LCD Backlight Driving (CCFL/EEFL) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) depending on revision | | **Core Material** | Ferrite (Optimized for high-frequency switching) | | **Secondary Voltage** | High AC Voltage (typically 600V - 1500V for ignition) | --- ### 2. Key Electronic Functions The FJDL-A46-R serves several critical roles within a display power circuit: * **Voltage Elevation:** It takes a low DC input (usually 5V or 12V) that has been chopped into a high-frequency AC signal and steps it up to the high voltage required to ionize gas in Cold Cathode Fluorescent Lamps (CCFL). * **Impedance Matching:** Ensures the power supply unit (PSU) efficiently transfers energy to the backlight tubes. * **Isolation:** Provides galvanic isolation between the low-voltage control logic and the high-voltage output stage for safety and noise reduction. --- ### 3. Common Usage Scenarios This specific part number is frequently encountered in the repair and manufacturing of: 1. **Automotive Infotainment:** Dashboard screens for older car models (e.g., BMW, Mercedes-Benz, or VW clusters). 2. **Industrial HMIs:** Human-Machine Interface panels used in factories. 3. **Medical Monitors:** Specialized displays requiring stable backlighting. ### 4. Failure Symptoms If this component fails, you will typically observe: * **"One-Second to Black":** The screen flashes on for a split second and then goes dark. * **Dim Screen:** The backlight is extremely faint, but images are still visible under a flashlight. * **Buzzing Noise:** High-pitched whining indicating a breakdown in the transformer windings or core. --- ### 5. Schematic Representation In a circuit diagram, the part is usually represented as a transformer with a specific turns ratio: ```spice * Typical Inverter Transformer Pinout (Conceptual) 1 [Input +] ----+ +---- 5 [High Voltage Out] | ) ( | 2 [Input -] ----+ +---- 6 [Return/Ground] ```
    ✨ Follow-up Questions
    • ⤷ What are the typical resistance values for the primary and secondary windings of the FJDL-A46-R?
    • ⤷ Can this component be replaced by a generic CCFL inverter transformer?
    • ⤷ What are the common causes of failure for this specific transformer model?