Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FLC-72-R

  • AI
    The **FLC-72-R** is an electronic component primarily classified as a **Liquid Crystal Display (LCD) Filter** or a specific type of **Display Interface Controller**, often used in industrial or specialized consumer electronics. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FLC-72-R is designed to interface with display panels to manage visual output, contrast, and signal processing. | Feature | Description | | :--- | :--- | | **Component Type** | LCD Controller / Filter Module | | **Common Application** | Industrial monitors, PLC interfaces, medical displays | | **Mounting Type** | Surface Mount (SMT) or Plug-in depending on the sub-revision | | **RoHS Status** | Compliant (indicated by the 'R' suffix in modern batches) | --- ### 2. Key Electronic Functions The "FLC" series typically focuses on three main electronic domains: * **Signal Conditioning:** It acts as a bridge between the main logic board (MCU/CPU) and the LCD glass, ensuring that the voltage levels are synchronized. * **Contrast Regulation:** It often houses the resistive or capacitive circuitry required to adjust the liquid crystal orientation, which determines the display's clarity. * **EMI Filtering:** The "R" variant often includes internal resistors or ferrite beads to reduce Electromagnetic Interference (EMI), preventing the display from flickering due to nearby electronic noise. --- ### 3. Pinout and Connectivity While pinouts can vary based on the specific manufacturer (such as Fuji or specialized display labs), the FLC-72-R generally follows this logical layout: 1. **VCC (Power):** Usually operates at 3.3V or 5V. 2. **GND (Ground):** Common reference point. 3. **Data Pins (D0-D7):** Parallel data interface for image processing. 4. **Control Lines:** Includes **RS** (Register Select), **R/W** (Read/Write), and **E** (Enable). 5. **Backlight Anode/Cathode:** Pins dedicated to powering the LED or CCFL backlight. --- ### 4. Common Failure Modes When troubleshooting the FLC-72-R in a circuit, look for the following: * **Thermal Stress:** Overheating can cause the internal logic gates to latch up, resulting in a "blank" or "all-white" screen. * **Solder Fatigue:** Given its use in industrial environments, vibration can lead to micro-cracks in the solder joints of the FLC-72-R pins. * **Voltage Spikes:** Sensitive to input overvoltage, which can fry the CMOS structure within the chip.
    ✨ Follow-up Questions
    • What are the specific voltage tolerances for the FLC-72-R?
    • Can the FLC-72-R be replaced by a generic LCD controller?
    • How do I test the EMI filtering capability of this part?