Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FLCS-1B-R/K

  • AI
    The **FLCS-1B-R/K** is a specific series within the **FLCS** family of fiber optic components, typically used as a **Fiber Optic Link Connector/Transceiver** module. These parts are designed to convert electrical signals into optical signals (and vice versa) for data transmission. Below is an explanation of its electronic characteristics and specifications. --- ### 1. General Specifications The FLCS-1B-R/K is often associated with industrial automation or telecommunications systems requiring reliable fiber optic coupling. | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Connector / Receiver (R) or Kit (K) | | **Fiber Core Compatibility** | Typically 50/125µm or 62.5/125µm (Multimode) | | **Operating Voltage** | Generally 3.3V or 5V (Standard TTL logic levels) | | **Connection Style** | "L-type" or Fixed-coupling for PCB mounting | | **Material** | High-durability plastic with metal internal shielding | --- ### 2. Electronic Breakdown The "R/K" suffix usually denotes the specific configuration of the part: * **-R (Receiver):** Contains a photodiode and an amplifier (TIA - Transimpedance Amplifier). It detects incoming light pulses and converts them back into electrical voltage. * **-K (Kit/Link):** Often refers to a matched pair (Transmitter + Receiver) or a connector kit designed for specific PCB layouts. #### Key Electronic Components Inside: 1. **Photodetector:** A high-speed silicon photodiode. 2. **Signal Processing:** An integrated circuit that reshapes the electrical signal to prevent "jitter" or signal degradation over long cable runs. 3. **EMI Shielding:** The internal casing is designed to prevent Electromagnetic Interference (EMI) from leaking out or affecting the sensitive optical conversion. --- ### 3. Pinout & Interfacing While specific pinouts vary by manufacturer (such as Hirose or similar industrial brands), these modules generally follow this logic: ```c // Standard Logic Interface for FLCS Receivers Pin 1: Vcc (Power Supply) Pin 2: GND (Ground) Pin 3: Signal Out (TTL/CMOS Data) Pin 4: Case Ground (Shielding) ``` --- ### 4. Application Use Cases * **High-Voltage Isolation:** Used to send data across sections of a machine with high potential differences where copper wires would be dangerous. * **Noise-Heavy Environments:** Ideal for factory floors where motors and solenoids create massive amounts of electrical noise. * **Medical Equipment:** To ensure patient isolation from electrical mains while transmitting data. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate (Mbps) for the FLCS-1B-R/K?
    • ⤷ Does this module use a specific wavelength like 650nm or 850nm?
    • ⤷ Which manufacturer produces the FLCS-1B series?