FMANMOB1002-RSP
AI

The **FMANMOB1002-RSP** is a specialized electronic sub-assembly, typically categorized as a **Fan Module** or a **Fan Control Board**, commonly found in high-availability networking hardware or industrial servers.
Below is a breakdown of its electronic components and characteristics.
---
### 1. General Specifications
This part functions as an intelligent interface between a system's motherboard (via a backplane) and the cooling fans.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fan Controller / Module Assembly |
| **Primary Interface** | High-density pin header or blind-mate connector |
| **Cooling Support** | Usually supports dual-rotor high-RPM DC fans |
| **Communication** | I2C or SMBus for telemetry |
---
### 2. Key Electronic Sub-components
The circuitry on this module generally includes the following electronic parts:
#### A. Power Management ICs (PMICs)
* **Voltage Regulators:** Converts the system input (typically 12V) to the specific voltages required for the onboard logic (3.3V or 5V).
* **Hot-Swap Controller:** Allows the module to be plugged in or removed while the system is running without causing electrical surges.
#### B. PWM Controllers
* **Pulse Width Modulation (PWM) Drivers:** These chips control the speed of the fan motors by varying the duty cycle of the power signal. This ensures efficient cooling and noise reduction.
#### C. Monitoring & Sensors
* **Tachometer Sensors:** Integrated circuits that monitor the "Tach" signal from the fan to verify actual RPM against the requested speed.
* **Thermal Sensors:** Onboard thermistors that report local ambient temperature to the system controller.
#### D. Connectivity
* **RSP (Rear Serviceable Panel) Connector:** The "RSP" suffix usually denotes a specific physical form factor designed for rear-access maintenance in a rack-mount chassis.
---
### 3. Functional Logic
The electronic architecture follows this flow:
1. **Input:** Receives a speed command from the System Management Controller (SMC) via the I2C bus.
2. **Processing:** The onboard controller translates this command into a PWM signal.
3. **Output:** Power is delivered to the fan motors.
4. **Feedback:** The tachometer signal is sent back to the system. If the fan stalls, the module triggers a **Fault LED** or an interrupt signal.
---
### 4. Identification Table
| Part Suffix | Meaning |
| :--- | :--- |
| **FMAN** | Fan Management / Fan Module |
| **MOB** | Mobile or Module-based architecture |
| **RSP** | Rear Serviceable Part / Reverse Airflow (specific to airflow direction) |
- ⤷
What are the pinout specifications for the FMANMOB1002-RSP connector?
- ⤷ Does this module support hot-swapping in redundant power systems?
- ⤷ What is the typical MTBF (Mean Time Between Failures) for this electronic assembly?