FNQ-R-4-1/2
AI

The **FNQ-R-4-1/2** is a high-performance, time-delay fuse belonging to the **Limitron™ CC Series** produced by Bussmann (Eaton). It is specifically engineered to handle the high inrush currents typical of control transformers and small motor circuits.
### 1. Technical Specifications
The "4-1/2" in the part number indicates the current rating of 4.5 Amperes.
| Parameter | Specification |
| :--- | :--- |
| **Brand** | Bussmann (Eaton) |
| **Series** | FNQ-R (Class CC) |
| **Current Rating** | 4.5 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) |
| **Fuse Type** | Time-Delay (Slow Blow) |
| **Body Material** | Melamine |
| **Termination Style** | Cartridge (Ferrule) |
---
### 2. Key Physical & Design Features
* **Rejection Feature:** As a **Class CC** fuse, it features a unique physical rejection tip on the bottom cap. This ensures it can only be inserted into a Class CC fuse holder, preventing the accidental installation of a lower-rated fuse (like a Midget fuse) in a critical circuit.
* **Time-Delay Characteristic:** Unlike fast-acting fuses, the FNQ-R-4-1/2 is designed to ignore temporary current spikes (inrush) that occur when a device starts up, while still providing protection against sustained overloads and short circuits.
* **Melamine Tube:** The body is made from high-grade melamine, which provides excellent arc suppression and heat resistance.
---
### 3. Common Applications
This specific fuse is most commonly found in industrial control panels.
* **Control Transformers:** It is specifically designed to provide "Type 2" protection for control transformers, handling the inductive surges without nuisance tripping.
* **Solenoids:** Protects coils from burning out during stalled conditions.
* **Small Motors:** Used for branch circuit protection in fractional horsepower motors.
---
### 4. Cross-Reference & Alternatives
If you are looking for equivalents from other major manufacturers:
| Manufacturer | Equivalent Series |
| :--- | :--- |
| **Littelfuse** | KLDR Series (KLDR-4.5) |
| **Mersen (Ferraz Shawmut)** | ATDR Series (ATDR4-1/2) |
---
- ⤷What is the difference between a Class CC fuse and a Midget fuse?
- ⤷ How do I determine if a fuse is blown without a multimeter?
- ⤷ Can I use a 5-amp fuse instead of a 4.5-amp FNQ-R?