Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FNS-1B-R

  • AI
    The **FNS-1B-R** is an electronic component primarily classified as a **high-performance surface-mount fuse** (often associated with manufacturers like SOC Corporation or similar industrial protection component providers). It is designed to protect circuitry against overcurrent conditions in compact electronic environments. --- ### 1. Key Technical Specifications The following table highlights the general electrical characteristics typically associated with the FNS-1B-R series: | Parameter | Specification | |:---|:---| | **Type** | Surface Mount (SMD) / Chip Fuse | | **Current Rating** | Typically 1.0A (indicated by the "1" in the suffix) | | **Voltage Rating** | Generally up to 125V AC/DC | | **Breaking Capacity** | 50A at rated voltage | | **Package Style** | Rectangular surface mount package | | **Operating Temp** | -55°C to +125°C | --- ### 2. Physical Construction and Materials The "R" in the suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and environmentally friendly. * **Body Material:** High-temperature ceramic or glass-reinforced substrate to withstand reflow soldering temperatures. * **Terminations:** Silver or Gold-plated end caps to ensure high conductivity and prevent oxidation. * **Element:** A thin-film or wire-in-air element designed to melt at a precise thermal threshold. --- ### 3. Application Use Cases The FNS-1B-R is commonly found in industrial and consumer electronics where board space is at a premium but protection is critical. * **Power Supplies:** Protecting DC-DC converters from output shorts. * **Consumer Electronics:** Used in laptops, tablets, and digital cameras. * **Battery Management Systems (BMS):** Serving as a secondary protection layer for Li-ion battery packs. * **Interface Protection:** Protecting HDMI, USB, or Thunderbolt ports from surges. --- ### 4. Typical Time-Current Characteristic The FNS series is generally categorized as a **Fast-Acting** fuse. ```text | | * (Open) | * T | * i | * m | * e | * | * |________*__________ Current ``` * **Fast-Acting:** It is designed to open very quickly (within milliseconds) when the current exceeds 200-300% of its rated value, preventing damage to sensitive semiconductors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the FNS-1B-R in millimeters?
    • ⤷ How does the 'Fast-Acting' characteristic differ from a 'Slo-Blo' fuse in this series?
    • ⤷ Are there specific soldering temperature profiles recommended for the FNS-1B-R?