Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FNS-31-R

  • AI
    The **FNS-31-R** is an electronic component primarily classified as a **Ferrite Core** or **Suppression Core**, specifically designed for EMI (Electromagnetic Interference) and RFI (Radio Frequency Interference) suppression. These components are essential in stabilizing electronic circuits by absorbing high-frequency noise. --- ### Technical Specifications The following table highlights the key characteristics typically associated with the FNS-31-R series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Ferrite Core (Toroidal/Ring) | | **Primary Material** | Nickel-Zinc (NiZn) or Manganese-Zinc (MnZn) | | **Application** | Noise filtering on cables and PCBs | | **Configuration** | Round / Ring Core | | **Impedance** | Frequency-dependent (Effective at 10MHz - 300MHz) | | **RoHS Status** | Compliant | --- ### Core Electronic Functions #### 1. EMI Suppression The FNS-31-R acts as a **low-pass filter**. It allows low-frequency signals (like power or data) to pass through with minimal resistance while providing high impedance to high-frequency noise. This prevents the wire from acting as an antenna that broadcasts or receives interference. #### 2. Magnetic Permeability The material used in the "FNS" series is engineered with specific magnetic permeability. This determines how efficiently the core can concentrate magnetic flux lines, which directly impacts its ability to dampen unwanted electrical oscillations. #### 3. Lossy Characteristics Unlike a standard inductor that stores energy, suppression ferrites like the FNS-31-R are "lossy." They convert high-frequency noise energy into a tiny, negligible amount of **heat** instead of reflecting it back into the circuit. --- ### Common Applications * **Power Supplies:** Reducing switching noise in AC/DC converters. * **Data Cables:** Preventing signal corruption in USB, HDMI, or ribbon cables. * **Industrial Equipment:** Protecting sensitive sensors from electromagnetic environmental noise. * **Consumer Electronics:** Ensuring devices meet FCC/CE electromagnetic compatibility standards. --- ### Installation Method In most designs, the FNS-31-R is used in one of two ways: 1. **Cable Pass-through:** The wire is threaded through the center of the ring. 2. **Multiple Turns:** To increase the impedance (filtering strength), the wire can be looped through the core multiple times ($Impedance \propto Turns^2$).
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions (ID/OD) of the FNS-31-R?
    • ⤷ How does increasing the number of wire turns through the core affect its frequency response?
    • ⤷ Can the FNS-31-R be used for both differential mode and common mode noise suppression?