FP4-150-R
AI

### Technical Overview of FP4-150-R
The **FP4-150-R** is a high-frequency, high-current power inductor belonging to the **FP4 Series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These inductors are specifically designed for multi-phase voltage regulator modules (VRMs) and high-density power converters.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 150 nH (0.150 µH) |
| **Tolerance** | ±10% |
| **DC Resistance (DCR)** | ~0.35 mΩ (Max) |
| **Saturation Current ($I_{sat}$)** | ~72 A to 90 A (depending on temp) |
| **RMS Current ($I_{rms}$)** | ~50 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | ~11.0 x 8.0 x 7.5 mm |
---
### 2. Physical Construction
The "FP" in the series stands for **Flat-Pac**. The component is built using a ferrite core material characterized by:
* **Low Core Loss:** Optimized for high-frequency switching (up to 2 MHz).
* **Vertical Mount Design:** The "R" suffix typically denotes a RoHS-compliant, surface-mount (SMT) package with a vertical orientation to minimize the PCB footprint.
* **Integrated Lead Frame:** The leads are part of a robust frame that provides high mechanical stability and low resistance.
---
### 3. Electronic Characteristics and Behavior
* **High Saturation:** The inductor is designed to handle high peak currents without the inductance dropping off sharply. This is critical for preventing circuit failure during transient load spikes.
* **Low DCR:** With a DC resistance in the sub-milliohm range, the part minimizes $I^2R$ power losses, ensuring high efficiency in power delivery.
* **Frequency Range:** It is optimized for high-speed Point-of-Load (PoL) converters used in modern CPUs, GPUs, and ASICs.
---
### 4. Common Applications
Due to its high current density and low profile, the FP4-150-R is primarily used in:
1. **Multi-phase Buck Converters:** Found on server motherboards and graphics cards.
2. **Voltage Regulator Modules (VRM):** Converting 12V inputs to low-voltage, high-current outputs (e.g., 0.8V - 1.8V).
3. **Data Center Infrastructure:** Powering high-end networking equipment and storage arrays.
---
### 5. Part Number Breakdown
```text
FP 4 - 150 - R
| | | |
| | | +-- RoHS Compliant
| | +------- Inductance Value (150nH)
| +------------ Size/Series Designator
+-------------- Flat-Pac Series
```
- ⤷What is the difference between FP4 and FP10 series inductors?
- ⤷ How does the saturation current change at higher temperatures for this part?
- ⤷ Can this inductor be used in automotive applications?